Electronic Components Datasheet Search
  English  ▼

X  

THS4541IRUNRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS4541IRUNRG4
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541IRUNRG4 Datasheet(HTML) 2 Page - Texas Instruments

  THS4541IRUNRG4 Datasheet HTML 1Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 2Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 3Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 4Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 5Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 6Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 7Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 8Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics: (Vs+) – Vs– = 5 V.............. 5
6.6 Electrical Characteristics: (Vs+) – Vs– = 3 V.............. 8
6.7 Typical Characteristics 5-V Single Supply.................11
6.8 Typical Characteristics: 3-V Single Supply............... 14
6.9 Typical Characteristics: 3-V to 5-V Supply Range.... 17
7 Parameter Measurement Information.......................... 21
7.1 Example Characterization Circuits............................21
7.2 Frequency-Response Shape Factors....................... 23
7.3 I/O Headroom Considerations.................................. 26
7.4 Output DC Error and Drift Calculations and the
Effect of Resistor Imbalances......................................27
7.5 Noise Analysis.......................................................... 30
7.6 Factors Influencing Harmonic Distortion................... 31
7.7 Driving Capacitive Loads.......................................... 31
7.8 Thermal Analysis...................................................... 32
8 Detailed Description......................................................33
8.1 Overview................................................................... 33
8.2 Functional Block Diagram......................................... 35
8.3 Feature Description...................................................35
8.4 Device Functional Modes..........................................36
9 Application and Implementation.................................. 45
9.1 Application Information............................................. 45
9.2 Typical Applications.................................................. 45
9.3 Power Supply Recommendations.............................50
9.4 Layout....................................................................... 50
10 Device and Documentation Support..........................52
10.1 Device Support....................................................... 52
10.2 Documentation Support.......................................... 52
10.3 Receiving Notification of Documentation Updates..52
10.4 Support Resources................................................. 52
10.5 Trademarks.............................................................53
10.6 Electrostatic Discharge Caution..............................53
10.7 Glossary..................................................................53
11 Revision History.......................................................... 53
12 Mechanical, Packaging, and Orderable
Information.................................................................... 53
4 Device Comparison Table
DEVICE
BW (MHz)
IQ (mA)
THD (dBc) 2 VPP AT 100 kHz
INPUT NOISE
(nV/√Hz)
RAIL-TO-RAIL
THS4531A
36
0.25
–104
10
Out
THS4521
145
0.95
–102
4.6
Out
THS4520
620
14.2
–107
2
Out
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com