Electronic Components Datasheet Search
  English  ▼

X  

THS4541IRUNRG4 Datasheet(PDF) 39 Page - Texas Instruments

Part # THS4541IRUNRG4
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541IRUNRG4 Datasheet(HTML) 39 Page - Texas Instruments

Back Button THS4541IRUNRG4 Datasheet HTML 35Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 36Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 37Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 38Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 39Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 40Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 41Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 42Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Then, the simplest approach is to use a single Rg2 = Rt || Rs + Rg1 on the nonsignal input side. Often, this
approach is shown as the separate Rg1 and Rs elements. Using these separate elements provides a better
divider match on the two feedback paths, but a single Rg2 is often acceptable. A direct solution for Rg2 is given
as Equation 10:
Rf
2
Av
Rg2
Rs
1
Rt
(10)
This design proceeds from a target input impedance matched to Rs, signal gain Av from the matched input
to the differential output voltage, and a selected Rf value. The nominal Rf value chosen for the THS4541
characterization is 402 Ω. As discussed previously, going lower improves noise and phase margin, but reduces
the total output load impedance possibly degrading harmonic distortion. Going higher increases the output noise,
and can reduce the loop-phase margin because of the feedback pole to the input capacitance, but reduces the
total loading on the outputs. Using Equation 8 to Equation 10 to sweep the target gain from 1 to Avmax < 14.3
V/V gives Table 8-1, which shows exact values for Rt, Rg1, and Rg2, where a 50-Ω source must be matched
while setting the two feedback resistors to 402 Ω. One possible solution for 1% standard values is shown, and
the resulting actual input impedance and gain with % errors to the targets are also shown in Table 8-1.
Table 8-1. Required Resistors for a Single-Ended to Differential FDA Design Stepping Gain From
1 V/V to 14 V/V(1)
Av
Rt, EXACT
(Ω)
Rt 1%
Rg1,
EXACT (Ω)
Rg1 1%
Rg2,
EXACT (Ω)
Rg2 1%
ACTUAL
ZIN
%ERR TO
Rs
ACTUAL
GAIN
%ERR TO
Av
1
55.2
54.9
395
392
421
422
49.731
–0.54%
1.006
0.62%
2
60.1
60.4
193
191
220
221
50.171
0.34%
2.014
0.72%
3
65.6
64.9
123
124
151
150
49.572
–0.86%
2.983
–0.57%
4
72.0
71.5
88.9
88.7
118
118
49.704
–0.59%
4.005
0.14%
5
79.7
80.6
68.4
68.1
99.2
100
50.451
0.90%
5.014
0.28%
6
89.1
88.7
53.7
53.6
85.7
86.6
49.909
–0.18%
6.008
0.14%
7
101
102
43.5
43.2
77.1
76.8
50.179
0.36%
7.029
0.42%
8
117
118
35.5
35.7
70.6
69.8
50.246
0.49%
7.974
–0.32%
9
138
137
28.8
28.7
65.4
64.9
49.605
–0.79%
9.016
0.18%
10
170
169
23.5
23.7
62.0
61.9
50.009
0.02%
9.961
–0.39%
11
220
221
18.8
18.7
59.6
59.0
49.815
–0.37%
11.024
0.22%
12
313
316
14.7
14.7
57.9
57.6
50.051
0.10%
11.995
–0.04%
13
545
549
10.9
11.0
56.7
56.2
49.926
–0.15%
12.967
–0.25%
14
2209
2210
7.26
7.32
56.2
56.2
50.079
0.16%
13.986
–0.10%
(1)
Rf = 402 Ω, Rs = 50 Ω, and AvMAX = 14.32 V/V.
These equations and design flow apply to any FDA. Using the feedback resistor value as a starting point is
particularly useful for current-feedback-based FDAs such as the LMH6554, where the value of these feedback
resistors determines the frequency response flatness. Similar tables can be built using the equations provided
here for other source impedances, Rf values, and gain ranges.
Notice the extremely low Rg1 values at the higher gains. For instance, at a gain of 14 V/V, that 7.32-Ω standard
value is transformed by the action of the common-mode loop moving the input common-mode voltage to appear
like a 50-Ω input match. This active input impedance provides an improved input-referred noise at higher
gains; see the Section 7.5 section. The TINA model correctly shows this actively-set input impedance in the
single-ended to differential configuration, and is a good tool to validate the gains, input impedances, response
shapes, and noise issues.
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com