Electronic Components Datasheet Search
  English  ▼

X  

THS4541IRUNRG4 Datasheet(PDF) 53 Page - Texas Instruments

Part # THS4541IRUNRG4
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541IRUNRG4 Datasheet(HTML) 53 Page - Texas Instruments

Back Button THS4541IRUNRG4 Datasheet HTML 49Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 50Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 51Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 52Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 53Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 54Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 55Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 56Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
10.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
10.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
10.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2014) to Revision B (February 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed the Handling Ratings table to ESD Ratings and move storage temperature to Absolute Maximum
Ratings table ......................................................................................................................................................4
• Deleted input bias current minimum values from Electrical Characteristics: (Vs+) – Vs– = 5 V ....................... 5
• Deleted input bias current minimum values from Electrical Characteristics: (Vs+) – Vs– = 3 V ....................... 8
Changes from Revision * (August 2014) to Revision A (September 2014)
Page
• Added clarifying text to note 1 in Pin Functions table.........................................................................................3
• Changed "Vcm" to "Vicm" in first paragraph.....................................................................................................27
• Changed 0.9 V to 0.91 V in second paragraph of Section 8.1 section.............................................................33
• Changed 0.9 V to 0.91 V in first paragraph of Section 8.4.1.1 section.............................................................37
• Changed "single" to "signal" in first paragraph of Section 9.1 section .............................................................45
• Changed "usually" to "always" in fourth sentence of Section 9.2.1.2 section...................................................46
• Added "(in Hz)" to second paragraph of this page........................................................................................... 46
• Added "ΔΣ" to second paragraph of Section 9.2.2.2 section ...........................................................................49
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com