Electronic Components Datasheet Search
  English  ▼

X  

THS4541IRUNRG4 Datasheet(PDF) 45 Page - Texas Instruments

Part # THS4541IRUNRG4
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541IRUNRG4 Datasheet(HTML) 45 Page - Texas Instruments

Back Button THS4541IRUNRG4 Datasheet HTML 41Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 42Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 43Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 44Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 45Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 46Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 47Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 48Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The THS4541 is effective over a broad range of applications. Two examples are developed here. First, an
attenuator stage that directly receives a higher input signal voltage and translates the voltage to a lower
differential swing on a fixed common-mode is shown. This design requires some attention to frequency-response
flatness issues, and one approach to managing these issues is shown. The second example is a gain of 2 V/V,
matched input of 50 Ω to an output set to 0.95 V common-mode followed by a third-order Bessel filter with
approximately 20 MHz of bandwidth feeding into the ADC34J22, a low-power, 12-bit, quad 50-MSPS JESD 204B
ADC.
9.2 Typical Applications
9.2.1 Designing Attenuators
Rf1
402
Rg1
4.02 k
Rg2
4.02 k
THS4541 Wideband,
Fully-Differential Amplifier
Rf2
402
Gain of 0.1 V/V from Rg1,
Single-Ended to Differential,
DC-Coupled, Single Supply
R1
500
+
±
+
±
+
±
+
±
Vcc
Vcm
Vcc
5 V
Vcm
2.5 V
VM1
VG1
+
±
Vcc
+
±
Vocm
Vcc
FDA
PD
Figure 9-1. Divide-by-10 Attenuator Application for the THS4541
9.2.1.1 Design Requirements
In this design, the aim is to:
1. Present a 4-kΩ input impedance to a ±40-V input signal (maximum ±10 mA from the prior stage).
2. Attenuate that swing by a factor 1/10 (–20 dB) to a differential output swing.
3. Place that swing on a 2.5-V common-mode voltage at the THS4541 outputs.
4. Operate on a single +5-V supply and ground.
5. Tune the frequency response to a flat Butterworth response with external capacitors.
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com