Electronic Components Datasheet Search
  English  ▼

X  

THS4541IRUNRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS4541IRUNRG4
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541IRUNRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4541IRUNRG4 Datasheet HTML 2Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 3Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 4Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 5Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 6Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 7Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 8Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 9Page - Texas Instruments THS4541IRUNRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6.5 Electrical Characteristics: (Vs+) – Vs– = 5 V (continued)
at TA ≈ 25°C, Vocm = open (defaults midsupply), Vout = 2 VPP, Rf = 402 Ω, Rload = 499 Ω, 50-Ω input match, G = 2 V/V,
single-ended input, differential output, and PD = +Vs (unless otherwise noted); see Figure 7-1 for an ac-coupled gain of a
2-V/V test circuit, and Figure 7-3 for a dc-coupled gain of a 2-V/V test circuit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
DC PERFORMANCE
AOL
Open-loop voltage gain
100
119
dB
A
Input-referred offset voltage
TA = 25°C
–450
±100
450
µV
A
TA = 0°C to 70°C
–600
±100
600
B
TA = –40°C to +85°C
–700
±100
700
B
TA = –40°C to +125°C
–850
±100
850
B
Input offset voltage drift(3)
TA = –40°C to +125°C
–2.4
±0.5
2.4
µV/°C
B
Input bias current
(positive out of node)
TA = 25°C
10
13
µA
A
TA = 0°C to 70°C
11
13.5
B
TA = –40°C to +85°C
12
14
B
TA = –40°C to +125°C
12
14.5
B
Input bias current drift(3)
TA = –40°C to +125°C
6
15
nA/°C
B
Input offset current
TA = 25°C
–500
±150
500
nA
A
TA = 0°C to 70°C
–550
±150
550
B
TA = –40°C to +85°C
–580
±150
580
B
TA = –40°C to +125°C
–620
±150
620
B
Input offset current drift(3)
TA = –40°C to +125°C
–1.3
±0.3
1.3
nA/°C
B
INPUT
Common-mode input low
< 3-dB degradation in
CMRR from midsupply
TA = 25°C
(Vs–) –
0.2
(Vs–) –
0.1
V
A
TA = –40°C to +125°C
(Vs–) –
0.1
Vs–
B
Common-mode input high
< 3-dB degradation in
CMRR from midsupply
TA = 25°C
(Vs+) –
1.3
(Vs+) –1.2
V
A
TA = –40°C to +125°C
(Vs+) –
1.3
B
Common-mode rejection ratio
Input pins at ((Vs+) – Vs–) / 2
85
100
dB
A
Input impedance differential
mode
Input pins at ((Vs+) – Vs–) / 2
110 || 0.85
kΩ || pF
C
OUTPUT
Output voltage low
TA = 25°C
(Vs–) +
0.2
(Vs–) +
0.25
V
A
TA = –40°C to +125°C
(Vs–) +
0.2
(Vs–) +
0.25
B
Output voltage high
TA = 25°C
(Vs+) –
0.25
(Vs+) –
0.2
V
A
TA = –40°C to +125°C
(Vs+) –
0.25
(Vs+) –
0.2
B
Output current drive
TA = 25°C
±75
±100
mA
A
TA = –40°C to +125°C
±75
B
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com