Electronic Components Datasheet Search
  English  ▼

X  

TLV172 Datasheet(PDF) 17 Page - Texas Instruments

Part # TLV172
Description  TLVx172 36-V, single-supply, low-power operational amplifier for cost-sensitive systems
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV172 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV172 Datasheet HTML 13Page - Texas Instruments TLV172 Datasheet HTML 14Page - Texas Instruments TLV172 Datasheet HTML 15Page - Texas Instruments TLV172 Datasheet HTML 16Page - Texas Instruments TLV172 Datasheet HTML 17Page - Texas Instruments TLV172 Datasheet HTML 18Page - Texas Instruments TLV172 Datasheet HTML 19Page - Texas Instruments TLV172 Datasheet HTML 20Page - Texas Instruments TLV172 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Power-Supply
ESD Cell
2.5
NŸ
2.5
NŸ
IN
±
IN+
R1
RS
RF
TVS
RL
VIN
±VS
ID
+
±
TVS
+VS
+
17
TLV172, TLV2172, TLV4172
www.ti.com
SBOS784C – NOVEMBER 2016 – REVISED JANUARY 2019
Product Folder Links: TLV172 TLV2172 TLV4172
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 26. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
An ESD event produces a short-duration, high-voltage pulse that is transformed into a short-duration, high-
current pulse when discharging through a semiconductor device. The ESD protection circuits are designed to
provide a current path around the operational amplifier core to prevent damage. The energy absorbed by the
protection circuitry is then dissipated as heat.
When an ESD voltage develops across two or more amplifier device pins, current flows through one or more
steering diodes. Depending on the path that the current takes, the absorption device can activate. The absorption
device has a trigger, or threshold voltage, that is above the normal operating voltage of the TLVx172 but below
the device breakdown voltage level. When this threshold is exceeded, the absorption device quickly activates
and clamps the voltage across the supply rails to a safe level.
When the operational amplifier connects into a circuit, as shown in Figure 26, the ESD protection components
are intended to remain inactive and do not become involved in the application circuit operation. However,
circumstances can arise where an applied voltage exceeds the operating voltage range of a given pin. If this
condition occurs, there is a risk that some internal ESD protection circuits can turn on and conduct current. Any
such current flow occurs through steering-diode paths and rarely involves the absorption device.
Figure 26 shows a specific example where the input voltage (VIN) exceeds the positive supply voltage (V+) by
500 mV or more. Much of what happens in the circuit depends on the supply characteristics. If V+ can sink the
current, then one of the upper input steering diodes conducts and directs current to V+. Excessively high current
levels can flow with increasingly higher VIN. As a result, the data sheet specifications recommend that
applications limit the input current to 10 mA.
If the supply is not capable of sinking the current, VIN can begin sourcing current to the operational amplifier and
then take over as the source of positive supply voltage. The danger in this case is that the voltage can rise to
levels that exceed the operational amplifier absolute maximum ratings.
Another common question involves what happens to the amplifier if an input signal is applied to the input when
the power supplies (V+ or V–) are at 0 V. Again, this question depends on the supply characteristic when at 0 V,
or at a level below the input signal amplitude. If the supplies appear as high impedance, then the input source
supplies the operational amplifier current through the current-steering diodes. This state is not a normal bias
condition; most likely, the amplifier does not operate normally. If the supplies are low impedance, then the current
through the steering diodes can become quite high. The current level depends on the ability of the input source
to deliver current and any resistance in the input path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com