Electronic Components Datasheet Search
  English  ▼

X  

TLV172 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV172
Description  TLVx172 36-V, single-supply, low-power operational amplifier for cost-sensitive systems
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV172 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV172 Datasheet HTML 8Page - Texas Instruments TLV172 Datasheet HTML 9Page - Texas Instruments TLV172 Datasheet HTML 10Page - Texas Instruments TLV172 Datasheet HTML 11Page - Texas Instruments TLV172 Datasheet HTML 12Page - Texas Instruments TLV172 Datasheet HTML 13Page - Texas Instruments TLV172 Datasheet HTML 14Page - Texas Instruments TLV172 Datasheet HTML 15Page - Texas Instruments TLV172 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
100M
1
10
100
D017
-20
-15
-10
-5
0
5
10
15
20
25
1000
10k
100k
1M
10M
Frequency (Hz)
G = +1
G = -10
G = -1
C003
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
D007
Frequency (Hz)
-20
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
0
45
90
135
180
D004
Open-Loop Gain
Phase
1
10
100
1
10
100
1k
10k
100k
Frequency (Hz)
C001
12
TLV172, TLV2172, TLV4172
SBOS784C – NOVEMBER 2016 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: TLV172 TLV2172 TLV4172
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 7. 0.1-Hz to 10-Hz Noise
Figure 8. Input Voltage Noise Spectral Density vs Frequency
Figure 9. Quiescent Current vs Supply Voltage
CLOAD = 15 pF
Figure 10. Open-Loop Gain and Phase vs Frequency
Figure 11. Closed-Loop Gain vs Frequency
Figure 12. Open-Loop Output Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com