Electronic Components Datasheet Search
  English  ▼

X  

TLV172 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV172
Description  TLVx172 36-V, single-supply, low-power operational amplifier for cost-sensitive systems
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV172 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV172 Datasheet HTML 6Page - Texas Instruments TLV172 Datasheet HTML 7Page - Texas Instruments TLV172 Datasheet HTML 8Page - Texas Instruments TLV172 Datasheet HTML 9Page - Texas Instruments TLV172 Datasheet HTML 10Page - Texas Instruments TLV172 Datasheet HTML 11Page - Texas Instruments TLV172 Datasheet HTML 12Page - Texas Instruments TLV172 Datasheet HTML 13Page - Texas Instruments TLV172 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
10
TLV172, TLV2172, TLV4172
SBOS784C – NOVEMBER 2016 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: TLV172 TLV2172 TLV4172
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
7.8 Typical Characteristics
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Table 1. Characteristic Performance Measurements
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage vs Common-Mode Voltage
Figure 2
Offset Voltage vs Common-Mode Voltage (Upper Stage)
Figure 3
Input Bias Current vs Temperature
Figure 4
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 5
CMRR and PSRR vs Frequency (Referred-to-Input)
Figure 6
0.1-Hz to 10-Hz Noise
Figure 7
Input Voltage Noise Spectral Density vs Frequency
Figure 8
Quiescent Current vs Supply Voltage
Figure 9
Open-Loop Gain and Phase vs Frequency
Figure 10
Closed-Loop Gain vs Frequency
Figure 11
Open-Loop Output Impedance vs Frequency
Figure 12
Small-Signal Overshoot vs Capacitive Load
Figure 13, Figure 14
No Phase Reversal
Figure 15
Small-Signal Step Response (10 mV)
Figure 16, Figure 17
Large-Signal Step Response
Figure 18, Figure 19
Large-Signal Settling Time
Figure 20, Figure 21
Short-Circuit Current vs Temperature
Figure 22
Maximum Output Voltage vs Frequency
Figure 23
EMIRR IN+ vs Frequency
Figure 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com