Electronic Components Datasheet Search
  English  ▼

X  

TLV172 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV172
Description  TLVx172 36-V, single-supply, low-power operational amplifier for cost-sensitive systems
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV172 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV172 Datasheet HTML 9Page - Texas Instruments TLV172 Datasheet HTML 10Page - Texas Instruments TLV172 Datasheet HTML 11Page - Texas Instruments TLV172 Datasheet HTML 12Page - Texas Instruments TLV172 Datasheet HTML 13Page - Texas Instruments TLV172 Datasheet HTML 14Page - Texas Instruments TLV172 Datasheet HTML 15Page - Texas Instruments TLV172 Datasheet HTML 16Page - Texas Instruments TLV172 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Time (200 ns/div)
D006
+
-
+
-
-18 V
RL
CL
+18 V
RF = 1 NW
RI = 1 NW
VIN = 10 mV
Copyright © 2016, Texas Instruments Incorporated
Time (500 ns/div)
D014
+
-
+
-
+ 18 V
- 18 V
VIN = 10 mV
CL
Time (200 µs/div)
D011
VOUT
VIN
+
-
+
-
-18 V
VOUT
+18 V
37 VPP
Sine Wave
(±18.5 V)
Time (200 ns/div)
D016
+
-
+
-
+ 18 V
- 18 V
VIN = 10 mV
CL
0
10
20
30
40
50
0p
100p
200p
300p
400p
500p
Capacitive Load (F)
RO = 25
RO = 50
C013
R
OUT= 0
R
OUT= 25
R
OUT= 50
CL
RL
-
+
VIN = 100mV
+ 18 V
± 18 V
+
-
ROUT
0
10
20
30
40
50
60
0p
100p
200p
300p
400p
500p
Capacitive Load (F)
RO = 25
RO = 50
C013
R
OUT = 0
R
OUT = 25
R
OUT = 50
-
+
RI = 1 k
VIN = 100mV
+ 18 V
± 18 V
CL
+
-
RF = 1 k
ROUT
13
TLV172, TLV2172, TLV4172
www.ti.com
SBOS784C – NOVEMBER 2016 – REVISED JANUARY 2019
Product Folder Links: TLV172 TLV2172 TLV4172
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
100-mV output step, G = –1
Figure 13. Small-Signal Overshoot vs Capacitive Load
100-mV output step, G = 1
Figure 14. Small-Signal Overshoot vs Capacitive Load
Figure 15. No Phase Reversal
CL = 10 pF
10-mV step
Figure 16. Small-Signal Step Response
RL = 1 kΩ
CL = 10 pF
10-mV step
Figure 17. Small-Signal Step Response
CL = 10 pF
Figure 18. Large-Signal Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com