Electronic Components Datasheet Search
  English  ▼

X  

TLV172 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV172
Description  TLVx172 36-V, single-supply, low-power operational amplifier for cost-sensitive systems
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV172 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV172 Datasheet HTML 7Page - Texas Instruments TLV172 Datasheet HTML 8Page - Texas Instruments TLV172 Datasheet HTML 9Page - Texas Instruments TLV172 Datasheet HTML 10Page - Texas Instruments TLV172 Datasheet HTML 11Page - Texas Instruments TLV172 Datasheet HTML 12Page - Texas Instruments TLV172 Datasheet HTML 13Page - Texas Instruments TLV172 Datasheet HTML 14Page - Texas Instruments TLV172 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
(V ) 1
(V )
(V ) 1
(V ) 2
(V ) 3
(V ) 4
(V- ) 5
(V ) 5
(V ) 4
(V ) 3
(V ) 2
(V ) 1
(V )
(V+) 1
D008
125°C
85 C
°
25 C
°
-40 C
°
+
+
+
+
+
+
+
+
+
+
+
+
-
-
-
-
-
-
-
-
-
-
- -
~
~
~
~
Frequency (Hz)
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
D012
+PSRR
-PSRR
CMRR
Common-Mode Voltage (V)
14
15
16
17
18
-50
-40
-30
-20
-10
0
10
20
D015
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-2000
0
2000
4000
6000
8000
D009
IB+
IB-
IOS
Offset Voltage (mV)
0
5
10
15
20
25
-1
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1
D013
Common-Mode Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
-225
-150
-75
0
75
150
225
D001
VCM = -18.1 V
VCM = 16 V
11
TLV172, TLV2172, TLV4172
www.ti.com
SBOS784C – NOVEMBER 2016 – REVISED JANUARY 2019
Product Folder Links: TLV172 TLV2172 TLV4172
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Distribution taken from 5185 amplifiers
Figure 1. Offset Voltage Production Distribution Histogram
5 typical units shown, VS = ±18 V
Figure 2. Offset Voltage vs Common-Mode Voltage
5 typical units shown, VS = ±18 V
Figure 3. Offset Voltage vs Common-Mode Voltage
(Upper Stage)
Figure 4. Input Bias Current vs Temperature
Figure 5. Output Voltage Swing vs Output Current
(Maximum Supply)
Figure 6. CMRR and PSRR vs Frequency (Referred-to-Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com