Electronic Components Datasheet Search
  English  ▼

X  

TLV316 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV316
Description  TLVx316-Q1 10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV316 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV316 Datasheet HTML 12Page - Texas Instruments TLV316 Datasheet HTML 13Page - Texas Instruments TLV316 Datasheet HTML 14Page - Texas Instruments TLV316 Datasheet HTML 15Page - Texas Instruments TLV316 Datasheet HTML 16Page - Texas Instruments TLV316 Datasheet HTML 17Page - Texas Instruments TLV316 Datasheet HTML 18Page - Texas Instruments TLV316 Datasheet HTML 19Page - Texas Instruments TLV316 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
V
IN
V
OUT
V+
R
S
10
to
20
W
W
R
L
C
L
Device
16
TLV316-Q1, TLV2316-Q1, TLV4316-Q1
SBOS845B – NOVEMBER 2016 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TLV316-Q1 TLV2316-Q1 TLV4316-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
One technique for increasing the capacitive load drive capability of the amplifier operating in a unity-gain
configuration is to insert a small resistor (typically 10-Ω to 20-Ω) in series with the output, as shown in Figure 14.
This resistor significantly reduces the overshoot and ringing associated with large capacitive loads. One possible
problem with this technique, however, is that a voltage divider is created with the added series resistor and any
resistor connected in parallel with the capacitive load. The voltage divider introduces a gain error at the output
that reduces the output swing.
Figure 14. Improving Capacitive Load Drive
8.3.6 EMI Susceptibility and Input Filtering
Operational amplifiers vary with regard to the susceptibility of the device to electromagnetic interference (EMI). If
conducted EMI enters the operational amplifier, the dc offset measured at the amplifier output can shift from the
nominal value when EMI is present. This shift is a result of signal rectification associated with the internal
semiconductor junctions. Although EMI can affect all operational amplifier pin functions, the signal input pins are
likely to be the most susceptible. The TLVx316-Q1 operational amplifier family incorporates an internal input low-
pass filter that reduces the amplifier response to EMI. This filter provides both common-mode and differential-
mode filtering. The filter is designed for a cutoff frequency of approximately 80 MHz (–3 dB), with a roll-off of 20
dB per decade.
The immunity of an operational amplifier can be accurately measured and quantified over a broad frequency
spectrum extending from 10 MHz to 6 GHz. The EMI rejection ratio (EMIRR) metric allows operational amplifiers
to be directly compared by the EMI immunity. Figure 12 illustrates the results of this testing on the TLVx316-Q1.
Detailed information can be found in EMI Rejection Ratio of Operational Amplifiers, available for download from
www.ti.com.
8.3.7 Overload Recovery
Overload recovery is defined as the time required for the operational amplifier output to recover from a saturated
state to a linear state. The output devices of the operational amplifier enter a saturation region when the output
voltage exceeds the rated operating voltage, either because of the high input voltage or the high gain. After the
device enters the saturation region, the charge carriers in the output devices require time to return back to the
linear state. After the charge carriers return back to the linear state, the device begins to slew at the specified
slew rate. Thus, the propagation delay in case of an overload condition is the sum of the overload recovery time
and the slew time. The overload recovery time for the TLVx316-Q1 is approximately 300 ns.
8.4 Device Functional Modes
The TLVx316-Q1 family has a single functional mode. These devices are powered on as long as the power-
supply voltage is between 1.8 V (±0.9 V) and 5.5 V (±2.75 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com