Electronic Components Datasheet Search
  English  ▼

X  

TLV316 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLV316
Description  TLVx316-Q1 10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV316 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV316 Datasheet HTML 14Page - Texas Instruments TLV316 Datasheet HTML 15Page - Texas Instruments TLV316 Datasheet HTML 16Page - Texas Instruments TLV316 Datasheet HTML 17Page - Texas Instruments TLV316 Datasheet HTML 18Page - Texas Instruments TLV316 Datasheet HTML 19Page - Texas Instruments TLV316 Datasheet HTML 20Page - Texas Instruments TLV316 Datasheet HTML 21Page - Texas Instruments TLV316 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
5 kW
10-mA max
V+
V
IN
V
OUT
I
OVERLOAD
Device
18
TLV316-Q1, TLV2316-Q1, TLV4316-Q1
SBOS845B – NOVEMBER 2016 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TLV316-Q1 TLV2316-Q1 TLV4316-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
10 Power Supply Recommendations
The TLVx316-Q1 family is specified for operation from 1.8 V to 5.5 V (±0.9 V to ±2.75 V); many specifications
apply from –40°C to +125°C. The Typical Characteristics section presents parameters that can exhibit significant
variance with regard to operating voltage or temperature.
CAUTION
Supply voltages larger than 7 V can permanently damage the device; see the Absolute
Maximum Ratings table.
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see the Layout
Guidelines section.
10.1 Input and ESD Protection
The TLVx316-Q1 incorporates internal ESD protection circuits on all pins. For input and output pins, this
protection primarily consists of current-steering diodes connected between the input and power-supply pins.
These ESD protection diodes provide in-circuit, input overdrive protection, as long as the current is limited to 10
mA, as stated in the Absolute Maximum Ratings table. Figure 17 shows how a series input resistor can be added
to the driven input to limit the input current. The added resistor contributes thermal noise at the amplifier input
and the value must be kept to a minimum in noise-sensitive applications.
Figure 17. Input Current Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com