| Electronic Components Datasheet Search |
|
TLV316 Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV316 Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 35 page ![]() ±IN +IN V± VS+ GND VS± GND VOUT VIN Run the input traces as far away from the supply lines as possible. Use a low-ESR, ceramic bypass capacitor. RF RG Place components close to the device and to each other to reduce parasitic errors. Use a low-ESR, ceramic bypass capacitor. OUT V+ Copyright © 2016, Texas Instruments Incorporated 19 TLV316-Q1, TLV2316-Q1, TLV4316-Q1 www.ti.com SBOS845B – NOVEMBER 2016 – REVISED AUGUST 2017 Product Folder Links: TLV316-Q1 TLV2316-Q1 TLV4316-Q1 Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated 11 Layout 11.1 Layout Guidelines For best operational performance of the device, use good PCB layout practices, including: • Noise can propagate into analog circuitry through the power pins of the circuit as a whole and the operational amplifier. Bypass capacitors reduce the coupled noise by providing low-impedance power sources local to the analog circuitry. – Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single- supply applications. • Separate grounding for analog and digital portions of the circuitry is one of the simplest and most effective methods of noise suppression. One or more layers on multilayer PCBs are typically devoted to ground planes. A ground plane helps distribute heat and reduces EMI noise pickup. Take care to physically separate digital and analog grounds, paying attention to the flow of the ground current. For more detailed information, see Circuit Board Layout Techniques. • To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If these traces cannot be kept separate, crossing the sensitive trace perpendicularly is much better than crossing in parallel with the noisy trace. • Place the external components as close to the device as possible. Keeping RF and RG close to the inverting input minimizes parasitic capacitance, as shown in Figure 18. • Keep the length of input traces as short as possible. Remember that the input traces are the most sensitive part of the circuit. • Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce leakage currents from nearby traces that are at different potentials. 11.2 Layout Example Figure 18. Operational Amplifier Board Layout for a Noninverting Configuration |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |