Electronic Components Datasheet Search
  English  ▼

X  

TLVM13620 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLVM13620
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13620 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLVM13620 Datasheet HTML 14Page - Texas Instruments TLVM13620 Datasheet HTML 15Page - Texas Instruments TLVM13620 Datasheet HTML 16Page - Texas Instruments TLVM13620 Datasheet HTML 17Page - Texas Instruments TLVM13620 Datasheet HTML 18Page - Texas Instruments TLVM13620 Datasheet HTML 19Page - Texas Instruments TLVM13620 Datasheet HTML 20Page - Texas Instruments TLVM13620 Datasheet HTML 21Page - Texas Instruments TLVM13620 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
7.3.5 Switching Frequency (RT)
The switching frequency range of the TLVM13630 is 200 kHz to 2.2 MHz. The switching frequency can easily
be set by connecting a resistor (RRT) between the RT pin and AGND. Use Equation 5 to calculate the RRT value
for a desired frequency or simply select from Table 7-4. Note that a resistor value outside of the recommended
range can cause the device to shut down. This prevents unintended operation if RT pin is shorted to ground or
left open. Do not apply a pulsed signal to this pin to force synchronization.
The switching frequency must be selected based on the output voltage setting of the device. See Table 7-4 for
RRT resistor values and the allowable output voltage range for a given switching frequency for common input
voltages.
(5)
Table 7-4. Switching Frequency Versus Output Voltage (IOUT = A)
FSW (kHz) RRT (kΩ)
VIN = 5 V
VIN = 12 V
VIN = 24 V
VIN = 36 V
VOUT RANGE (V)
VOUT RANGE (V)
VOUT RANGE (V)
VOUT RANGE (V)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
200
66.5
1.0
2.0
1.0
2.0
1.0
1.5
1.0
1.5
400
33.2
1.0
3.0
1.0
4.0
1.0
3.3
1.2
3.0
600
22.1
1.0
3.5
1.0
6.0
1.5
6.0
1.8
5.0
800
16.5
1.0
3.5
1.0
6.0
1.5
6.0
2.5
6.0
1000
13.0
1.0
3.0
1.0
6.0
2.0
6.0
3.0
6.0
1200
10.7
1.0
3.0
1.5
6.0
2.5
6.0
3.5
6.0
1400
9.09
1.0
3.0
1.5
6.0
3.0
6.0
4.0
6.0
1600
8.06
1.0
3.0
1.5
6.0
3.0
6.0
4.5
6.0
1800
6.98
1.0
3.0
2.0
6.0
3.5
6.0
5.0
6.0
2000
6.34
1.2
2.5
2.0
6.0
4.0
6.0
5.5
6.0
2200
5.626
1.2
2.5
2.0
6.0
4.5
6.0
-
-
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com