Electronic Components Datasheet Search
  English  ▼

X  

TLVM13620 Datasheet(PDF) 35 Page - Texas Instruments

Part # TLVM13620
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13620 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLVM13620 Datasheet HTML 31Page - Texas Instruments TLVM13620 Datasheet HTML 32Page - Texas Instruments TLVM13620 Datasheet HTML 33Page - Texas Instruments TLVM13620 Datasheet HTML 34Page - Texas Instruments TLVM13620 Datasheet HTML 35Page - Texas Instruments TLVM13620 Datasheet HTML 36Page - Texas Instruments TLVM13620 Datasheet HTML 37Page - Texas Instruments TLVM13620 Datasheet HTML 38Page - Texas Instruments TLVM13620 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
11 Device and Documentation Support
11.1 Device Support
11.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
11.1.2 Development Support
With an input operating voltage from 3 V to 36 V and rated output current from 2 A to 6 A, the
TLVM13620/30/40/60 family of synchronous buck power modules specified in Table 11-1 provides flexibility,
scalability and optimized solution size for a range of applications. These modules enable DC/DC solutions with
high density, low EMI and increased flexibility. Available EMI mitigation features include RBOOT-configured
switch-node slew rate control, fixed switching frequency, and integrated input bypass capacitors. All modules are
rated for an ambient temperature up to 105°C.
Table 11-1. Synchronous Buck DC/DC Power Module Family
DC/DC MODULE
RATED IOUT PACKAGE
DIMENSIONS
FEATURES
EMI MITIGATION
TLVM13620
2 A
B0QFN (30)
4.0 × 6.0 × 1.8 mm
RT adjustable FSW,
precision enable
Integrated BOOT capacitor
TLVM13630
3 A
TLVM13640
4 A
B3QFN (20)
5.0 × 5.5 × 4.0 mm
Integrated input, VCC and
BOOT capacitors
TLVM13660
6 A
For development support see the following:
• TLVM13630 Quickstart Calculator
• TLVM13630 Simulation Models
• For TI's reference design library, visit the TI Reference Design library.
• For TI's WEBENCH Design Environment, visit the WEBENCH® Design Center.
• To design a low-EMI power supply, review TI's comprehensive EMI Training Series.
• To design an inverting buck-boost (IBB) regulator, visit DC/DC inverting buck-boost modules.
• TI Reference Designs:
– Multiple Output Power Solution For Kintex 7 Application
– Arria V Power Reference Design
– Altera Cyclone V SoC Power Supply Reference Design
– Space-optimized DC/DC Inverting Power Module Reference Design With Minimal BOM Count
– 3- To 11.5-VIN, –5-VOUT, 1.5-A Inverting Power Module Reference Design For Small, Low-noise Systems
• Technical Articles:
– Powering Medical Imaging Applications With DC/DC Buck Converters
– How To Create A Programmable Output Inverting Buck-boost Regulator
• To view a related device of this product, see the LM61460 36-V, 6-A synchronous buck converter.
11.1.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the TPSM63603 device with WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance.
www.ti.com
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com