Electronic Components Datasheet Search
  English  ▼

X  

TLVM13620 Datasheet(PDF) 33 Page - Texas Instruments

Part # TLVM13620
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13620 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLVM13620 Datasheet HTML 29Page - Texas Instruments TLVM13620 Datasheet HTML 30Page - Texas Instruments TLVM13620 Datasheet HTML 31Page - Texas Instruments TLVM13620 Datasheet HTML 32Page - Texas Instruments TLVM13620 Datasheet HTML 33Page - Texas Instruments TLVM13620 Datasheet HTML 34Page - Texas Instruments TLVM13620 Datasheet HTML 35Page - Texas Instruments TLVM13620 Datasheet HTML 36Page - Texas Instruments TLVM13620 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
9 Power Supply Recommendations
The TLVM13630 buck module is designed to operate over a wide input voltage range of 3 V to 36 V. The
characteristics of the input supply must be compatible with the Absolute Maximum Ratings and Recommended
Operating Conditions in this data sheet. In addition, the input supply must be capable of delivering the required
input current to the loaded regulator circuit. Estimate the average input current with Equation 10.
K
˜
˜
IN
OUT
OUT
IN
V
I
V
I
(10)
where
• η = efficiency
If the module is connected to an input supply through long wires or PCB traces with a large impedance, take
special care to achieve stable performance. The parasitic inductance and resistance of the input cables can
have an adverse affect on module operation. More specifically, the parasitic inductance in combination with the
low-ESR ceramic input capacitors form an underdamped resonant circuit, possibly resulting in instability, voltage
transients, or both, each time the input supply is cycled ON and OFF. The parasitic resistance causes the input
voltage to dip during a load transient. If the module is operating close to the minimum input voltage, this dip can
cause false UVLO triggering and a system reset.
The best way to solve such issues is to reduce the distance from the input supply to the module and use an
electrolytic input capacitor in parallel with the ceramics. The moderate ESR of the electrolytic capacitor helps
damp the input resonant circuit and reduce any overshoot or undershoot at the input. A capacitance in the range
of 47 μF to 100 μF is usually sufficient to provide input parallel damping and helps hold the input voltage steady
during large load transients. A typical ESR of 0.1 Ω to 0.4 Ω provides enough damping for most input circuit
configurations.
www.ti.com
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com