Electronic Components Datasheet Search
  English  ▼

X  

TLVM13620 Datasheet(PDF) 29 Page - Texas Instruments

Part # TLVM13620
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13620 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLVM13620 Datasheet HTML 25Page - Texas Instruments TLVM13620 Datasheet HTML 26Page - Texas Instruments TLVM13620 Datasheet HTML 27Page - Texas Instruments TLVM13620 Datasheet HTML 28Page - Texas Instruments TLVM13620 Datasheet HTML 29Page - Texas Instruments TLVM13620 Datasheet HTML 30Page - Texas Instruments TLVM13620 Datasheet HTML 31Page - Texas Instruments TLVM13620 Datasheet HTML 32Page - Texas Instruments TLVM13620 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
8.2.2.2 Detailed Design Procedure
8.2.2.2.1 Output Voltage Setpoint
The output voltage of the TLVM13630 device is externally adjustable using a resistor divider. The recommended
value of RFBB is 10 kΩ. Calculate the value for RFBT using Equation 9:
(9)
For the desired output voltage of – 5 V, enter the absolute value of 5 V for the VOUT in Equation 9. The formula
yields a value of 40.2 kΩ. Choose the closest available standard value of 40.2 kΩ for RFBT.
8.2.2.2.2 IBB Maximum Output Current
The achievable output current with an IBB topology using the TLVM13630 is IOUT(max) = ILDC(max) × (1 – D),
where ILDC(max) = 3 A is the rated current of the module and D = |VOUT| / (VIN + |VOUT|) is the module duty cycle.
Therefore in the case of VIN = 12 V and the VOUT = –5 V, the maximum output current is 2.1 A.
8.2.2.2.3 Switching Frequency Selection
To set the switching frequency to 1 MHz, connect a 13.0-kΩ resistor between the RT pin and AGND pins of the
module based on Equation 5.
8.2.2.2.4 Input Capacitor Selection
The TLVM13630 requires a minimum input capacitance of 2 × 4.7-µF ceramic type between the VIN pins and
PGND pins as close as possible to the module. High-quality ceramic type capacitors with sufficient voltage and
temperature rating are required. In the inverting buck-boost configuration the maximum voltage between VIN and
PGND pin of the module is equal to VIN + |VOUT|.
For this design, two 4.7-µF, 50-V, 1210 case size, ceramic capacitors are selected.
8.2.2.2.5 Output Capacitor Selection
The TLVM13630 requires a minimum of 25 µF of effective output capacitance for proper operation. High-
quality ceramic type capacitors with sufficient voltage and temperature rating are required. Additional output
capacitance can be added to reduce ripple voltage or for applications with transient load requirements.
For this design example, a two 47-µF, 10-V, 1210 case size, ceramic capacitors are used which have a total
effective capacitance of approximately 48 µF at 5 V.
8.2.2.2.6 Other Connections
Place a 1-µF capacitor between the VCC pin and PGND, located near to the device.
The right-half-plane zero of an IBB topology is at its lowest frequency at minimum input voltage. However, it
does not appear at low frequency for a –5 V output and thus has minimal effect on the loop response for this
application.
In the inverting buck-boost configuration, the input capacitor CIN and output capacitor COUT can formed an AC
capacitive divider during a fast VIN transient or hot-plugged event at the input. This event will resulted in a
positive voltage spike at the output that may disturb the load. In this case, an optional Schottky diode may be
installed between –VOUT and GND as shown in Figure 8-12 to clamp the output spike.
www.ti.com
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com