Electronic Components Datasheet Search
  English  ▼

X  

TLVM13620 Datasheet(PDF) 24 Page - Texas Instruments

Part # TLVM13620
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13620 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLVM13620 Datasheet HTML 20Page - Texas Instruments TLVM13620 Datasheet HTML 21Page - Texas Instruments TLVM13620 Datasheet HTML 22Page - Texas Instruments TLVM13620 Datasheet HTML 23Page - Texas Instruments TLVM13620 Datasheet HTML 24Page - Texas Instruments TLVM13620 Datasheet HTML 25Page - Texas Instruments TLVM13620 Datasheet HTML 26Page - Texas Instruments TLVM13620 Datasheet HTML 27Page - Texas Instruments TLVM13620 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 8-1 as the input parameters and follow the design
procedures in Section 8.2.1.2.
Table 8-1. Design Example Parameters
DESIGN PARAMETER
VALUE
Input voltage
24 V
Output voltage
5 V
Output current
0 A to 3 A
Switching Frequency
1 MHz
Table 8-2 gives the selected buck module power-stage components with availability from multiple vendors. This
design uses an all-ceramic output capacitor implementation.
Table 8-2. List of Materials for Application Circuit 1
REFERENCE
DESIGNATOR
QTY
SPECIFICATION
MANUFACTURER(1)
PART NUMBER
CIN1, CIN2
2
4.7 µF, 50 V, X7R, 1210, ceramic
Taiyo Yuden
UMK325B7475KN-TR
TDK
CGA6P3X7R1H475K250AB
4.7 µF, 100 V, X7S, 1206, ceramic
Murata
GRM31CC72A475KE11L
COUT1, COUT2
2
47 µF, 10 V, X7R, 1210, ceramic
Murata
GRM32ER71A476ME15L
AVX
1210ZC476MAT2A
CVCC
1
1 µF, 16 V, X7R, 0603, ceramic
Murata
GCM188R71C105KA64J
1 µF, 16 V, X5R, 0402, ceramic
Taiyo Yuden
EMK105BJ105KVHF
U1
1
TLVM13630 36-V, 3-A synchronous buck module
Texas Instruments
TLVM13630RDLR
(1)
See the Third-Party Products Disclaimer.
More generally, the TLVM13630 module is designed to operate with a wide range of external components
and system parameters. However, the integrated loop compensation is optimized for a certain range of output
capacitance.
8.2.1.2 Detailed Design Procedure
8.2.1.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the TPSM63603 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance.
• Run thermal simulations to understand board thermal performance.
• Export customized schematic and layout into popular CAD formats.
• Print PDF reports for the design, and share the design with colleagues.
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2.1.2.2 Output Voltage Setpoint
The output voltage of the TLVM13630 device is externally adjustable using a resistor divider. The recommended
value of RFBB is 10 kΩ. The value for RFBB can be selected from Table 7-1 or calculated using Equation 8:
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com