Electronic Components Datasheet Search
  English  ▼

X  

LM50B Datasheet(PDF) 18 Page - Texas Instruments

Part # LM50B
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50B Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM50B Datasheet HTML 14Page - Texas Instruments LM50B Datasheet HTML 15Page - Texas Instruments LM50B Datasheet HTML 16Page - Texas Instruments LM50B Datasheet HTML 17Page - Texas Instruments LM50B Datasheet HTML 18Page - Texas Instruments LM50B Datasheet HTML 19Page - Texas Instruments LM50B Datasheet HTML 20Page - Texas Instruments LM50B Datasheet HTML 21Page - Texas Instruments LM50B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Table 8-2. Minimum Required CLoad to Avoid Glitch Overshoot Over Power Supply Start-up Step
Response (without CBy-pass)
Load
Capacitance
+VS = 3.3V
+VS = 5V
+VS = 36V
tr = 0.1μs
tr = 1μs
tr = 0.1μs
tr = 1μs
tr = 0.1μs
tr = 1μs
CLoad (min)
at TA = -40°C
0.33nF
0.33nF
0.47nF
0.47nF
10nF
10nF
CLoad (min)
at TA = 25°C
0.02nF
NA
0.05nF
0.05nF
0.68nF
0.68nF
CLoad (min)
at TA = 150°C
NA
NA
NA
NA
0.12nF
0.12nF
Figure 8-6 and Figure 8-7 show start-up step response to 3.3V and 36V power supply with around 3.3V/μs
ramp rate (without using CBy-pass). Each figure shows the output response to no load and minimum required
CLoad when glitch overshoot is eliminated. The worst-case scenario (as shown in Table 8-2) is happened when
operating temperature is -40°C.
Time (
s)
-20
20
60
100
140
180
220
-1
-0.2
0
0
1
0.2
2
0.4
3
0.6
4
0.8
5
1
 +VS
VO →
+VS = 3.3V
VO (at -40C) and No CLoad
VO (at -40C) and CLoad = 0.33nF
Figure 8-6. Start-up Response to +VS = 3.3V Step
Without CBy-pass When SR = 3.3V/μs (With No CLoad
and CLoad = 0.33nF)
Time (
s)
-20
0
20
40
60
80 100 120 140 160 180 200 220
-8
-0.2
0
0
8
0.2
16
0.4
24
0.6
32
0.8
40
1
48
1.2
56
1.4
VO →
 +VS
+VS = 36V
VO (at -40C) and No CLoad
VO (at -40C) and CLoad = 10nF
Figure 8-7. Start-up Response to +VS = 36V Step
Without CBy-pass When SR = 3.3V/μs (With No CLoad
and CLoad = 10nF)
Note
TI suggests adding a minimum 0.1µF CBy-pass (between +VS and GND) and/or a 0.1µF CLoad (between
VO and GND) capacitors to avoid supply noise and glitch overshoot.
8.2.1.2.2 LM50HV Self-heating
The LM50HV temperature accuracy error (due to self-heating) versus power supply is shown in Figure 8-8.
The device is soldered to 30-gauge wire in this measurement and the temperature is read after consistently
10 minutes working of the device at 25°C. Since temperature error is directly proportional to thermal resistance
(Rth) and power (+VS × IDD), the temperature error is increased by changing power supply from 3V to 36V. By
considering junction-to-ambient thermal resistance value in Section 6.4 and supply current vs supply voltage
in Figure 6-26, temperature error around ±0.15°C should be expected (for up to 36V power supply) between
calculated value (ΔTERR (°C) = Rth × (+VS) × IDD) and measured value shown in Figure 8-8. This possible
deviation is due to hard controlling of air temperature and humidity, position of the device on the test setup
and other factors which are addressed in Analyzing PCB Thermal Resistance in High-Accuracy Temperature
Sensors application note.
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com