Electronic Components Datasheet Search
  English  ▼

X  

LM50B Datasheet(PDF) 24 Page - Texas Instruments

Part # LM50B
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50B Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM50B Datasheet HTML 20Page - Texas Instruments LM50B Datasheet HTML 21Page - Texas Instruments LM50B Datasheet HTML 22Page - Texas Instruments LM50B Datasheet HTML 23Page - Texas Instruments LM50B Datasheet HTML 24Page - Texas Instruments LM50B Datasheet HTML 25Page - Texas Instruments LM50B Datasheet HTML 26Page - Texas Instruments LM50B Datasheet HTML 27Page - Texas Instruments LM50B Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
9 Device and Documentation Support
9.1 Documentation Support
Related Documentation
For related documentation see the following:
• Texas Instruments, TMP23x Low-Power, High-Accuracy Analog Output Temperature Sensors, data sheet
• Texas Instruments, ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor With Analog Output With < 2
Seconds Response Time and 500VRMS Working Voltage, data sheet
• Texas Instruments, LM60 2.7V, SOT-23 or TO-92 Temperature Sensor, data sheet
• Texas Instruments, Tiny Temperature Sensors for Remote Systems, application note
• Texas Instruments, Semiconductor Temperature Sensors Challenge Precision RTDs and Thermistors in
Building Automation, application note
• Texas Instruments, LM50HV Evaluation Module, EVM
• Texas Instruments, LMT90 Temperature Sensor Evaluation Module, EVM
9.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
HUMISEAL® is a registered trademark of Columbia Chase Corporation.
All trademarks are the property of their respective owners.
9.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (May 2025) to Revision I (October 2025)
Page
• Added the LM50HV device throughout the document; updated the data sheet title.......................................... 1
Changes from Revision G (January 2017) to Revision H (May 2025)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Moved the automotive device to a standalone data sheet (SNIS249)................................................................1
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com