Electronic Components Datasheet Search
  English  ▼

X  

LM50B Datasheet(PDF) 3 Page - Texas Instruments

Part # LM50B
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50B Datasheet(HTML) 3 Page - Texas Instruments

  LM50B Datasheet HTML 1Page - Texas Instruments LM50B Datasheet HTML 2Page - Texas Instruments LM50B Datasheet HTML 3Page - Texas Instruments LM50B Datasheet HTML 4Page - Texas Instruments LM50B Datasheet HTML 5Page - Texas Instruments LM50B Datasheet HTML 6Page - Texas Instruments LM50B Datasheet HTML 7Page - Texas Instruments LM50B Datasheet HTML 8Page - Texas Instruments LM50B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
4 Device Comparison
Table 4-1. Device Comparison
Feature
LM50HV
LM50B (1)
LM50C (1)
LMT90 (1)
TMP235
LM60 (1)
LM61B (1)
LM20B (1)
LM35 (1)
Sensor gain
(mV/°C)
10
10
10
10
6.25
10
-11.77
10
Sensor gain
type
Fixed
Fixed
Fixed
Fixed
Fixed
Fixed
Fixed
Fixed
Offset at 0°C
(mV)
500
500
500
500
424
600
1864
0
Temp Range
(°C)
-40 to 150
-40 to 125
-40 to 125
-40 to 150
-40 to 125
-25 to 85
-55 to 130
-55 to 150
Power Supply Specifications
VDD (V)
3 to 36
4.5 to 10
4.5 to 10
2.3 to 5.5
2.7 to 10
2.7 to 10
2.4 to 5.5
4 to 30
IQ (typ) (µA)
52
95
95
9
82
82
4.5
67
Temperature Accuracy
25°C (typ)
±1
-
-
±0.5
-
-
-
±0.2
-55°C (max)
-
-
-
-
-
-
±2.5
±1
-40°C (max)
±3.5
-3.5/3
±4
±2
±3
-
±2.3
±0.9
-30°C (max)
±3.5
-3.3/2.85
±3.85
±2
±2.85
-
±2.2
±0.85
-25°C (max)
±3.5
-3.2/2.8
±3.8
±2
±2.8
±3
±2.1
±0.8
-20°C (max)
±3
-3/2.7
±3.7
±2
±2.7
±2.9
±2.05
±0.8
-10°C (max)
±2.5
-2.8/2.5
±3.5
±2
±2.5
±2.7
±1.95
±0.7
0°C (max)
±2.5
-2.6/2.4
±3.4
±1
±2.4
±2.5
±1.9
±0.65
20°C (max)
±2
±2.1
±3.1
±1
±2.1
±2.1
±1.55
±0.5
25°C (max)
±2
±2
±3
±1
±2
±2
±1.5
±0.5
30°C (max)
±2
±2.05
±3.05
±1
±2.05
±2.1
±1.5
±0.5
70°C (max)
±2
±2.45
±3.45
±1
±2.45
±2.75
±1.9
±0.7
80°C (max)
±2.5
±2.55
±3.55
±2
±2.55
±2.9
±2
±0.7
85°C (max)
±2.5
±2.6
±3.6
±2
±2.6
±3
±2.1
±0.75
100°C (max)
±2.5
±2.75
±3.75
±2
±2.75
-
±2.2
±0.8
125°C (max)
±2.5
±3
±4
±2
±3
-
±2.5
±0.9
130°C (max)
±3
-
-
±2
-
-
±2.5
±0.9
150°C (max)
±3
-
-
±2
-
-
-
±1
Packaging Dimension
Dimensions
[mm × mm ×
mm]
SOT23
(3-pin)
2.4 × 2.9 × 1.1
SOT23
(3-pin)
2.4 × 2.9 × 1.1
SC70
(5-pin)
2.1 × 2.0 × 1.1
SOT23
(3-pin)
2.4 × 2.9 × 1.1
TO92
(3-pin)
4.8 × 7.4 × 3.7
SC70
(5-pin)
2.1 × 2.0 × 1.1
DSBGA
(4-pin)
0.96 × 0.96 ×
0.6
SOIC
(8-pin)
6.0 × 4.9 × 1.75
TO92
(3-pin)
4.8 × 7.4 × 3.7
TOCAN
(3-pin)
4.7 × 4.7 × 2.67
TO220
(3-pin)
10 × 15 × 4.6
1. LM50B, LM50C, LMT90, LM60, LM61B, LM20B and LM35 temperature accuracy limits come from the
"Accuracy vs Temperature" plot.
www.ti.com
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com