Electronic Components Datasheet Search
  English  ▼

X  

LM50B Datasheet(PDF) 19 Page - Texas Instruments

Part # LM50B
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50B Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM50B Datasheet HTML 15Page - Texas Instruments LM50B Datasheet HTML 16Page - Texas Instruments LM50B Datasheet HTML 17Page - Texas Instruments LM50B Datasheet HTML 18Page - Texas Instruments LM50B Datasheet HTML 19Page - Texas Instruments LM50B Datasheet HTML 20Page - Texas Instruments LM50B Datasheet HTML 21Page - Texas Instruments LM50B Datasheet HTML 22Page - Texas Instruments LM50B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Supply Voltage (V)
3
6
9
12
15
18
21
24
27
30
33
36
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Measurement result
The device soldered to 30 gauge wire. The accuracy is read after consistently 10min working of the device at 25°C.
Figure 8-8. Accuracy (Due to Self-heating) vs Supply Voltage
8.2.1.3 Application Curve
DUT Te mperature (C)
-50
-25
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
1.75V
0.75V
0.1V
Figure 8-9. Output Transfer Function
8.3 System Examples
Figure 8-10 to Figure 8-12 show application circuit examples using the LM50 and LM50HV devices. Figure
8-10 shows a Centigrade Thermostat or Fan Controller configuration based on Schmitt trigger circuit. LM50 and
LM50HV devices can detect the ambient temperature in which the upper and lower temperature thresholds can
be adjusted by R1, R2 and R3 resistors.
www.ti.com
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com