Electronic Components Datasheet Search
  English  ▼

X  

LM50B Datasheet(PDF) 10 Page - Texas Instruments

Part # LM50B
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50B Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM50B Datasheet HTML 6Page - Texas Instruments LM50B Datasheet HTML 7Page - Texas Instruments LM50B Datasheet HTML 8Page - Texas Instruments LM50B Datasheet HTML 9Page - Texas Instruments LM50B Datasheet HTML 10Page - Texas Instruments LM50B Datasheet HTML 11Page - Texas Instruments LM50B Datasheet HTML 12Page - Texas Instruments LM50B Datasheet HTML 13Page - Texas Instruments LM50B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
6.7 Typical Characteristics (LM50B and LM50C) (continued)
To generate these curves the device is mounted to a printed circuit board as shown in Figure 8-14 or Figure 8-15.
Figure 6-13. Accuracy vs Temperature (Legacy chip)
TEMPERATURE (C)
-50
-25
0
25
50
75
100
125
150
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
LM50B Max
LM50B min
LM50C Max
LM50C min
Average
Average +3
Average -3
Figure 6-14. Accuracy vs Temperature (New chip)
6
Figure 6-15. Noise Voltage (Legacy chip)
FREQUENCY (Hz)
0
400
800
1,200
1,600
2,000
2,400
2,800
3,200
10
100
1k
10k
100k
Figure 6-16. Noise Voltage (New chip)
Figure 6-17. Supply Current vs Supply Voltage (Legacy chip)
SUPPLY VOLTAGE (V)
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
TA = 25C
Figure 6-18. Supply Current vs Supply Voltage (New chip)
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com