Electronic Components Datasheet Search
  English  ▼

X  

RM3272 Datasheet(PDF) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3272
Description  High efficiency and high precision, PSR charger driver chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3272 Datasheet(HTML) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3272 Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 4Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 5Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 6Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 7Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 8Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
高效率高精度,PSR 充电器驱动芯片
RM3272D 规格书
RM3272D_Rev.1.0
www.reactor-micro.com
- 3-
陕西亚成微电子股份有限公司
管脚说明:
管脚序号
管脚名称
管脚描述
1
VDD
电源输入
2
COMP
恒压模式下环路补偿端
3
INV
辅助绕组电压反馈端, 通过分压电阻连接到反馈绕组上
4
CS
电流检测输入
5/6
DRAIN
MOSFET 漏极
7/8
GND
地
极限参数:
参数
数值
漏极电压
-0.3V to BVdss
VDD 输入电压
-0.3V to Vdd_clamp
VDD 箝位流入最大电流
10mA
COMP 输入电压
-0.3V to 7V
CS 输入电压
-0.3V to 7V
INV 输入电压
-0.3V to 7V
最大结点工作温度
Tj
150℃
存储温度范围
-55 to 150℃
焊接温度
260℃/10S
结构框图:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com