Electronic Components Datasheet Search
  English  ▼

X  

RM3272 Datasheet(PDF) 8 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3272
Description  High efficiency and high precision, PSR charger driver chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3272 Datasheet(HTML) 8 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3272 Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 4Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 5Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 6Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 7Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272 Datasheet HTML 8Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
高效率高精度,PSR 充电器驱动芯片
RM3272D 规格书
RM3272D_Rev.1.0
www.reactor-micro.com
- 8-
陕西亚成微电子股份有限公司
封装尺寸:
DIP-8
符号
毫米
英寸
最小值
典型值
最大值
最小值
典型值
最大值
A
5.334
0.210
A1
0.381
0.015
A2
3.175
3.302
3.429
0.125
0.130
0.135
b
1.524
0.060
b1
0.457
0.018
D
9.017
9.271
10.160
0.355
0.365
0.400
E
7.620
0.300
E1
6.223
6.350
6.477
0.245
0.250
0.255
e
2.540
0.100
L
2.921
3.302
3.810
0.115
0.130
0.150
eB
8.509
9.017
9.525
0.335
0.355
0.375
θ°
0°
7°
15°
0°
7°
15°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com