Electronic Components Datasheet Search
  English  ▼

X  

TMP117MAIDRVT Datasheet(PDF) 27 Page - Texas Instruments

Part # TMP117MAIDRVT
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117MAIDRVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP117MAIDRVT Datasheet HTML 23Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 24Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 25Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 26Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 27Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 28Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 29Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 30Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
7.6.3 Configuration Register (address = 01h) [factory default reset = 0220h]
Return to Register Map.
Figure 7-14. Configuration Register
15
14
13
12
11
10
9
8
HIGH_Alert
LOW_Alert
Data_Ready
EEPROM_Busy
MOD1(2)
MOD0(1)
CONV2(1)
CONV1(1)
R-0
R-0
R-0
R-0
R/W-0
R/W-0
R/W-1
R/W-0
7
6
5
4
3
2
1
0
CONV0(1)
AVG1(1)
AVG0(1)
T/nA(1)
POL(1)
DR/Alert(1)
Soft_Reset
—
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R-0
R-0
Table 7-6. Configuration Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15
HIGH_Alert
R
0
High Alert flag:
1: Set when the conversion result is higher than the high limit
0: Cleared on read of configuration register
Therm mode:
1: Set when the conversion result is higher than the therm limit
0: Cleared when the conversion result is lower than the
hysteresis
14
LOW_Alert
R
0
Low Alert flag:
1: Set when the conversion result is lower than the low limit
0: Cleared when the configuration register is read
Therm mode: Always set to 0
13
Data_Ready
R
0
Data ready flag.
This flag indicates that the conversion is complete and the
temperature register can be read. Every time the temperature
register or configuration register is read, this bit is cleared. This
bit is set at the end of the conversion when the temperature
register is updated. Data ready can be monitored on the ALERT
pin by setting bit 2 of the configuration register.
12
EEPROM_Busy
R
0
EEPROM busy flag.
The value of the flag indicates that the EEPROM is busy during
programming or power-up.
11:10
MOD[1:0]
R/W
0
Set conversion mode.
00: Continuous conversion (CC)
01: Shutdown (SD)
10: Continuous conversion (CC), Same as 00 (reads back = 00)
11: One-shot conversion (OS)
9:7
CONV[2:0]
R/W
100
Conversion cycle bit.
See Table 7-7 for the standby time between conversions.
6:5
AVG[1:0]
R/W
01
Conversion averaging modes. Determines the number of
conversion results that are collected and averaged before
updating the temperature register. The average is an
accumulated average and not a running average.
00: No averaging
01: 8 Averaged conversions
10: 32 averaged conversions
11: 64 averaged conversions
4
T/nA
R/W
0
Therm/alert mode select.
1: Therm mode
0: Alert mode
3
POL
R/W
0
ALERT pin polarity bit.
1: Active high
0: Active low
2
DR/Alert
R/W
0
ALERT pin select bit.
1: ALERT pin reflects the status of the data ready flag
0: ALERT pin reflects the status of the alert flags
www.ti.com
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com