Electronic Components Datasheet Search
  English  ▼

X  

TMP117MAIDRVT Datasheet(PDF) 32 Page - Texas Instruments

Part # TMP117MAIDRVT
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117MAIDRVT Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP117MAIDRVT Datasheet HTML 28Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 29Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 30Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 31Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 32Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 33Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 34Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 35Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
7.6.10 EEPROM3 Register (address = 08h) [reset = xxxxh]
This register function is the same as the EEPROM1 register. To support NIST traceability, do not delete or
reprogram the EEPROM[1] register.
Return to Register Map.
Figure 7-21. EEPROM3 Register
15
14
13
12
11
10
9
8
D15
D14
D13
D12
D11
D10
D9
D8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
Table 7-14. EEPROM3 Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:0
D[15:0]
R/W
xxxxh
This 16-bit register is used as a scratch pad. To support NIST
traceability, do not delete or re-program this register.
7.6.11 Device ID Register (address = 0Fh) [reset = 0117h]
This read-only register indicates the device ID.
Return to Register Map.
Figure 7-22. Device ID Register
15
14
13
12
11
10
9
8
Rev3
Rev2
Rev1
Rev0
DID11
DID10
DID9
DID8
R-x
R-x
R-x
R-x
R-0
R-0
R-0
R-1
7
6
5
4
3
2
1
0
DID7
DID6
DID5
DID4
DID3
DID2
DID1
DID0
R-0
R-0
R-0
R-1
R-0
R-1
R-1
R-1
Table 7-15. Device ID Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:12
Rev[3:0]
R
0h
Indicates the revision number.
11:0
DID[11:0]
R
117h
Indicates the device ID.
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com