Electronic Components Datasheet Search
  English  ▼

X  

TMP117MAIDRVT Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP117MAIDRVT
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117MAIDRVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP117MAIDRVT Datasheet HTML 8Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 9Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 10Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 11Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 12Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 13Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 14Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 15Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
7.3 Feature Description
7.3.1 Power Up
After the supply voltage reaches within the operating range, the device requires 1.5 ms to power up before
conversions can begin. The device can be programmed to start up in shutdown mode as well. See the EEPROM
Programming section for more information. The temperature register reads –256 °C before the first conversion.
7.3.2 Averaging
Users can configure the device to report the average of multiple temperature conversions with the AVG[1:0]
bits to reduce noise in the conversion results. When the TMP117 is configured to perform averaging with AVG
set to 01, the device executes the configured number of conversions to eight. The device accumulates those
conversion results and reports the average of all the collected results at the end of the process. As shown in the
noise histograms of Figure 6-6 and Figure 6-7, the temperature result output has a repeatability of approximately
±3 LSBs when there is no averaging and ±1 LSB when the device is configured to perform eight averages.
Figure 7-2 shows the total conversion cycle time trade-off when using the averaging mode to achieve this
improvement in noise performance. Averaging will increase the average active current consumption due to
increasing the active conversion time in a conversion cycle. For example a single active conversion typically
takes 15.5 ms, so if the device is configured to report an average of eight conversions, then the active
conversion time is 124 ms (15.5 ms × 8). Use Equation 1 to factor in this increase in active conversion time
to accurately calculate the average current consumption of the device. The average current consumption of the
device can be decreased by increasing the amount of time the device spends in standby period as compared
to active conversion. Under the factory EEPROM settings, the device is configured to report an average of eight
conversions with a conversion cycle time of 1 second by default.
Averaging can be used in both the continuous conversion mode and the one-shot mode.
15.5 ms
124 ms
8 Conv
1 Second
Standby
8 Averages, 1-Hz CC
I
2C Temperature or
Configuration Register Read
Data_Ready Flag
Figure 7-2. Averaging Timing Diagram
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com