Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP175
Description  TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP175 Datasheet(HTML) 5 Page - Texas Instruments

  TMP175 Datasheet HTML 1Page - Texas Instruments TMP175 Datasheet HTML 2Page - Texas Instruments TMP175 Datasheet HTML 3Page - Texas Instruments TMP175 Datasheet HTML 4Page - Texas Instruments TMP175 Datasheet HTML 5Page - Texas Instruments TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
6.5 Electrical Characteristics
at TA = –40 °C to +125 °C and V+ = 2.7 V to 5.5 V (unless otherwise noted); typical specification are at TA = 25 °C and
V+=3.3 V
PARAMETER
TEST CONDITIONS
TMP175
TMP75
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TEMPERATURE INPUT
Range
-40
125
–40
125
°C
TERR
Temperature accuracy
–25 °C to +85 °C
±0.5
±1.5
±0.5
±2
°C
TERR
Temperature accuracy
–40 °C to +125 °C
±1
±2
±1
±3
PSR
Temperature accuracy
(temperature error vs
supply)
±200
±500
±200
±500 m °C/V
TRES
Temperature resolution
Selectable
0.0625
0.0625
°C
DIGITAL INPUT/OUTPUT
CIN
Input capacitance
3
3
pF
VIH
Input logic high level
SDA, SCL, A0, A1, A2
0.7(V+)
6
0.7(V+)
6
V
VIL
Input logic low level
SDA, SCL, A0, A1, A2
–0.5
0.3(V+)
–0.5
0.3(V+)
V
IIN
Input leakage current
SDA, SCL, A0, A1, A2
1
1
µA
HYST
Hysteresis
SDA, SCL
500
500
mV
VOL
Low-level output logic SDA
IOL = 3 mA
0
0.15
0.4
0
0.15
0.4
V
VOL
Low-level output logic
ALERT
IOL = 4 mA
0
0.15
0.4
0
0.15
0.4
V
Resolution
Selectable
9
12
9
12
Bits
Conversion time
R1 = 0, R0 = 0; 9-bit
27.5
37.5
27.5
37.5
ms
R1 = 0, R0 = 1; 10-bit
55
75
55
75
R1 = 1, R0 = 0 11-bit
110
150
110
150
R1 = 1, R0 = 1; 12-bit
220
300
220
300
POWER SUPPLY
Operating Range
2.7
5.5
2.7
5.5
V
IDD_AVG
Average current
consumption
Serial bus inactive
50
85
50
85
µA
Serial bus active, SCL
frequency = 400 kHz
100
100
Serial bus active, SCL
frequency = 3.4 MHz
410
410
IDD_SD Shutdown current
Serial bus inactive
0.1
3
0.1
3
µA
Serial bus active, SCL
frequency = 400 kHz
60
60
Serial bus active, SCL
frequency = 3.4 MHz
380
380
www.ti.com
TMP175, TMP75
SBOS288M – JANUARY 2004 – REVISED DECEMBER 2020
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMP175 TMP75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com