Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP175
Description  TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP175 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 2Page - Texas Instruments TMP175 Datasheet HTML 3Page - Texas Instruments TMP175 Datasheet HTML 4Page - Texas Instruments TMP175 Datasheet HTML 5Page - Texas Instruments TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments TMP175 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6.6 I2C Interface Timing
see the Timing Diagrams and Two-Wire Timing Diagrams sections for additional information (unless otherwise noted)(1)
FAST MODE
HIGH-SPEED
MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
1
400
1
2380
kHz
t(BUF)
Bus-free time between STOP and START conditions
1.3
0.16
µs
t(SUSTA) Repeated START condition setup time
0.6
0.16
µs
t(HDSTA)
Hold time after repeated START condition.
After this period, the first clock is generated.
0.6
0.16
µs
t(SUSTO) STOP condition setup time
0.6
0.16
µs
t(HDDAT) Data hold time
4
900
4
120
ns
t(SUDAT) Data setup time
100
20
ns
t(LOW)
SCL clock low period
1.3
0.28
µs
t(HIGH)
SCL clock high period
0.6
0.06
µs
tRC
Clock rise time
300
40
ns
tRC
Clock rise time for SCLK ≤ 100 kHz
1000
ns
tF
Clock fall time
300
40
ns
ttimeout
Timeout (SCL = GND or SDA = GND) TMP175
25
74
25
74
ms
ttimeout
Timeout (SCL = GND or SDA = GND) TMP75
20
30
20
30
(1)
Compatible with standard mode timings
TMP175, TMP75
SBOS288M – JANUARY 2004 – REVISED DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP175 TMP75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com