Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP175
Description  TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP175 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments TMP175 Datasheet HTML 10Page - Texas Instruments TMP175 Datasheet HTML 11Page - Texas Instruments TMP175 Datasheet HTML 12Page - Texas Instruments TMP175 Datasheet HTML 13Page - Texas Instruments TMP175 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
7.3.2.2 Serial Bus Address
To communicate with the TMP175 and TMP75, the master must first address slave devices through a slave
address byte. The slave address byte consists of seven address bits, and a direction bit indicating the intent of
executing a read or write operation.
The TMP175 features three address pins to allow up to 27 devices to be addressed on a single bus interface.
Table 7-2 describes the pin logic levels used to properly connect up to 27 devices. A 1 indicates the pin
is connected to the supply (VCC); a 0 indicates the pin is connected to GND; float indicates the pin is left
unconnected. The state of pins A0, A1, and A2 is sampled on every bus communication and must be set prior to
any activity on the interface.
The TMP75 features three address pins allowing up to eight devices to be connected per bus. Pin logic levels
are described in Table 7-3. The address pins of the TMP175 and TMP75 are read after reset, at start of
communication, or in response to a two-wire address acquire request. After the state of the pins are read, the
address is latched to minimize power dissipation associated with detection.
Table 7-2. Address Pins and Slave Addresses for the TMP175
A2
A1
A0
SLAVE ADDRESS
0
0
0
1001000
0
0
1
1001001
0
1
0
1001010
0
1
1
1001011
1
0
0
1001100
1
0
1
1001101
1
1
0
1001110
1
1
1
1001111
Float
0
0
1110000
Float
0
Float
1110001
Float
0
1
1110010
Float
1
0
1110011
Float
1
Float
1110100
Float
1
1
1110101
Float
Float
0
1110110
Float
Float
1
1110111
0
Float
0
0101000
0
Float
1
0101001
1
Float
0
0101010
1
Float
1
0101011
0
0
Float
0101100
0
1
Float
0101101
1
0
Float
0101110
1
1
Float
0101111
0
Float
Float
0110101
1
Float
Float
0110110
Float
Float
Float
0110111
TMP175, TMP75
SBOS288M – JANUARY 2004 – REVISED DECEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP175 TMP75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com