Electronic Components Datasheet Search
  English  ▼

X  

TMP461-SP Datasheet(PDF) 26 Page - Texas Instruments

Part # TMP461-SP
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461-SP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMP461-SP Datasheet HTML 22Page - Texas Instruments TMP461-SP Datasheet HTML 23Page - Texas Instruments TMP461-SP Datasheet HTML 24Page - Texas Instruments TMP461-SP Datasheet HTML 25Page - Texas Instruments TMP461-SP Datasheet HTML 26Page - Texas Instruments TMP461-SP Datasheet HTML 27Page - Texas Instruments TMP461-SP Datasheet HTML 28Page - Texas Instruments TMP461-SP Datasheet HTML 29Page - Texas Instruments TMP461-SP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Errors in remote temperature sensor readings are typically the consequence of the ideality factor and current
excitation used by the TMP461-EP device versus the manufacturer-specified operating current for a given
transistor. Some manufacturers specify a high-level and low-level current for the temperature-sensing substrate
transistors. The TMP461-EP device uses 7.5μA for ILOW and 120μA for IHIGH.
The ideality factor (η) is a measured characteristic of a remote temperature sensor diode as compared to an
ideal diode. The TMP461-EP allows for different η-factor values; see the η-Factor Correction Register section.
The ideality factor for the TMP461-EP device is trimmed to be 1.008. For transistors that have an ideality factor
that does not match the TMP461-EP, Equation 4 can be used to calculate the temperature error.
Note
For Equation 4 to be used correctly, the actual temperature (°C) must be converted to Kelvin (K).
T
=
ERR
h
1.008
-
1.008
(273.15+T( C))
°
´
(4)
where
• TERR = error in the TMP461-EP device because η ≠ 1.008,
• η = ideality factor of the remote temperature sensor,
• T(°C) = actual temperature, and
In Equation 4, the degree of delta is the same for °C and K.
For η = 1.004 and T(°C) = 100°C:
.
.
.
.
.
ERR
ERR
1 004
1 008
T
=
273 15
100 C
1 008
T
1 48 C
§
·
u
q
¨
¸
©
¹
q
(5)
If a discrete transistor is used as the remote temperature sensor with the TMP461-EP, the best accuracy can be
achieved by selecting the transistor according to the following criteria:
1. Base-emitter voltage is > 0.25V at 7.5μA, at the highest-sensed temperature.
2. Base-emitter voltage is < 0.95V at 120μA, at the lowest-sensed temperature.
3. Base resistance is < 100Ω.
4. Tight control of VBE characteristics indicated by small variations in hFE (that is, 50 to 150).
Based on this criteria, two recommended small-signal transistors are the 2N3904 (NPN) or 2N3906 (PNP).
9.2.2 Detailed Design Procedure
The local temperature sensor inside the TMP461-EP device monitors the ambient air around the device. The
thermal time constant for the TMP461-EP device is approximately 1.1 seconds. This constant implies that if
the ambient air changes quickly by 100°C, then the TMP461-EP device takes approximately 5.5 seconds (that
is, five thermal time constants) to settle to within 1°C of the final value. In most applications, the TMP461-EP
package is in electrical, and therefore thermal, contact with the printed circuit board (PCB), as well as subjected
to forced airflow. The accuracy of the measured temperature directly depends on how accurately the PCB
and forced airflow temperatures represent the temperature that the TMP461-EP is measuring. Additionally, the
internal power dissipation of the TMP461-EP can cause the temperature to rise above the ambient or PCB
temperature. The internal power dissipated as a result of exciting the remote temperature sensor is negligible
because of the small currents used. Equation 6 can be used to calculate the average conversion current
for power dissipation and self-heating based on the number of conversions per second and the temperature
sensor channel enabled. Equation 7 shows an example with local and remote sensor channels enabled and 16
TMP461-EP
SNIS241 – SEPTEMBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com