Electronic Components Datasheet Search
  English  ▼

X  

TMP461-SP Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP461-SP
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461-SP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP461-SP Datasheet HTML 24Page - Texas Instruments TMP461-SP Datasheet HTML 25Page - Texas Instruments TMP461-SP Datasheet HTML 26Page - Texas Instruments TMP461-SP Datasheet HTML 27Page - Texas Instruments TMP461-SP Datasheet HTML 28Page - Texas Instruments TMP461-SP Datasheet HTML 29Page - Texas Instruments TMP461-SP Datasheet HTML 30Page - Texas Instruments TMP461-SP Datasheet HTML 31Page - Texas Instruments TMP461-SP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
9.3 Power Supply Recommendations
The TMP461-EP device operates with a power-supply range of 1.7V to 3.6V. The device is optimized for
operation at a 3.3V supply but can measure temperature accurately in the full supply range.
A power-supply bypass capacitor is recommended. Place this capacitor as close as possible to the supply and
ground pins of the device. A typical value for this supply bypass capacitor is 0.1μF. Applications with noisy or
high-impedance power supplies can require additional decoupling capacitors to reject power-supply noise.
9.4 Layout
9.4.1 Layout Guidelines
Remote temperature sensing on the TMP461-EP device measures very small voltages using very low currents;
therefore, noise at the device inputs must be minimized. Most applications using the TMP461-EP have high
digital content, with several clocks and logic-level transitions that create a noisy environment. Layout must
adhere to the following guidelines:
1. Place the TMP461-EP device as close to the remote junction sensor as possible.
2. Route the D+ and D– traces next to each other and shield them from adjacent signals through the use
of ground guard traces, as shown in Figure 9-5. If a multilayer PCB is used, bury these traces between
the ground or V+ planes to shield them from extrinsic noise sources. 5mil (0.127mm) PCB traces are
recommended.
3. Minimize additional thermocouple junctions caused by copper-to-solder connections. If these junctions are
used, make the same number and approximate locations of copper-to-solder connections in both the D+ and
D– connections to cancel any thermocouple effects.
4. Use a 0.1μF local bypass capacitor directly between the V+ and GND of the TMP461-EP device. For
optimum measurement performance, minimize filter capacitance between D+ and D– to 1000pF or less. This
capacitance includes any cable capacitance between the remote temperature sensor and the TMP461-EP
device.
5. If the connection between the remote temperature sensor and the TMP461-EP device is less than 8in
(20.32cm) long, use a twisted-wire pair connection. For lengths greater than 8 in, use a twisted, shielded
pair with the shield grounded as close to the TMP461-EP device as possible. Leave the remote sensor
connection end of the shield wire open to avoid ground loops and 60Hz pickup.
6. Thoroughly clean and remove all flux residue in and around the pins of the TMP461-EP device to avoid
temperature offset readings as a result of leakage paths between D+ and GND, or between D+ and V+.
V+
D+
D-
GND
Ground or V+ layer
on bottom and top,
if possible.
NOTE: Use a minimum of 5mil (0.127mm) traces with 5mil spacing.
Figure 9-5. Suggested PCB Layer Cross-Section
TMP461-EP
SNIS241 – SEPTEMBER 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com