Electronic Components Datasheet Search
  English  ▼

X  

TMP461-SP Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP461-SP
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461-SP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP461-SP Datasheet HTML 10Page - Texas Instruments TMP461-SP Datasheet HTML 11Page - Texas Instruments TMP461-SP Datasheet HTML 12Page - Texas Instruments TMP461-SP Datasheet HTML 13Page - Texas Instruments TMP461-SP Datasheet HTML 14Page - Texas Instruments TMP461-SP Datasheet HTML 15Page - Texas Instruments TMP461-SP Datasheet HTML 16Page - Texas Instruments TMP461-SP Datasheet HTML 17Page - Texas Instruments TMP461-SP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
50
60
70
80
90
100
ALERT
THERM Limit
THERM Limit - Hysteresis
High Temperature Limit
THERM
110
120
130
140
150
Temperature Conversion Complete
Time
Measured
Temperature
ALERT output
serviced by controller
Figure 7-4. ALERT and THERM Interrupt Operation
50
60
70
80
90
100
THERM2
THERM Limit
THERM Limit - Hysteresis
THERM
110
120
130
140
150
Temperature Conversion Complete
Time
Measured
Temperature
THERM2 Limit
THERM2 Limit - Hysteresis
Figure 7-5. THERM and THERM2 Interrupt
Operation
7.4 Device Functional Modes
7.4.1 Shutdown Mode (SD)
The TMP461-EP shutdown mode enables the user to save maximum power by shutting down all device circuitry
other than the serial interface, and reducing current consumption to typically less than 3μA; see Figure 6-10
(Shutdown Quiescent Current vs Supply Voltage). Shutdown mode is enabled when the SD bit (bit 6) of the
configuration register is high; the device shuts down after the current conversion is finished. When the SD bit is
low, the device maintains a continuous-conversion state.
7.5 Programming
7.5.1 Serial Interface
The TMP461-EP device operates only as a target device on either the two-wire bus or the SMBus. Connections
to either bus are made using the open-drain I/O lines, SDA and SCL. The SDA and SCL pins feature integrated
spike suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. The
TMP461-EP device supports the transmission protocol for fast (1kHz to 400kHz), fast-plus (1kHz to 1MHz)
and high-speed (1kHz to 2.17MHz) modes. All data bytes are transmitted MSB first.
7.5.1.1 Bus Overview
The TMP461-EP device is SMBus-interface-compatible. In the SMBus protocol, the device that initiates the
transfer is called a controller, and the devices controlled by the controller are targets. The bus must be controlled
by a controller device that generates the serial clock (SCL), controls the bus access, and generates the start and
stop conditions.
To address a specific device, a start condition is initiated. A start condition is indicated by pulling the data line
(SDA) from a high-to-low logic level when SCL is high. All targets on the bus shift in the target address byte, with
the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the target being
addressed responds to the controller by generating an acknowledge bit and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses, followed by an acknowledge bit. During data
transfer, SDA must remain stable when SCL is high. A change in SDA when SCL is high is interpreted as a
control signal.
After all data is transferred, the controller generates a stop condition. A stop condition is indicated by pulling SDA
from low to high when SCL is high.
7.5.1.2 Bus Definitions
The TMP461-EP device is two-wire- and SMBus-compatible. Figure 7-6 and Figure 7-7 illustrate the timing for
various operations on the TMP461-EP device. The bus definitions are as follows:
TMP461-EP
SNIS241 – SEPTEMBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com