Electronic Components Datasheet Search
  English  ▼

X  

TMP461-SP Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP461-SP
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461-SP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP461-SP Datasheet HTML 4Page - Texas Instruments TMP461-SP Datasheet HTML 5Page - Texas Instruments TMP461-SP Datasheet HTML 6Page - Texas Instruments TMP461-SP Datasheet HTML 7Page - Texas Instruments TMP461-SP Datasheet HTML 8Page - Texas Instruments TMP461-SP Datasheet HTML 9Page - Texas Instruments TMP461-SP Datasheet HTML 10Page - Texas Instruments TMP461-SP Datasheet HTML 11Page - Texas Instruments TMP461-SP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
6.8 Typical Characteristics
At TA = 25°C and V+ = 3.6V, unless otherwise noted
Ambient Temperature (C)
-55
-35
-15
5
25
45
65
85
105
125
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
TMP461-EP Max
TMP461-EP min
Average + 6
Average - 6
Figure 6-2. Local Temperature Error vs Ambient
Temperature
Ambient Temperature (C)
-55
-35
-15
5
25
45
65
85
105
125
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
TMP461-EP min
TMP461-EP Max
Average + 6
Average - 6
Figure 6-3. Remote Temperature Error vs Ambient
Temperature
Series Resistance (
)
0
500
1,000
1,500
2,000
2,500
3,000
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
No physical capacitance during measurement
Figure 6-4. Remote Temperature Error vs Series
Resistance
Leakage Resistance (M
)
1
2
3
4 5 6 7 8 10
20
30 40 50 70 100
-60
-40
-20
0
20
D+ to GND
D+ to V+
Figure 6-5. Remote Temperature Error vs Leakage
Resistance
TMP461-EP
SNIS241 – SEPTEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com