Electronic Components Datasheet Search
  English  ▼

X  

TMP461-SP Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP461-SP
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461-SP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP461-SP Datasheet HTML 3Page - Texas Instruments TMP461-SP Datasheet HTML 4Page - Texas Instruments TMP461-SP Datasheet HTML 5Page - Texas Instruments TMP461-SP Datasheet HTML 6Page - Texas Instruments TMP461-SP Datasheet HTML 7Page - Texas Instruments TMP461-SP Datasheet HTML 8Page - Texas Instruments TMP461-SP Datasheet HTML 9Page - Texas Instruments TMP461-SP Datasheet HTML 10Page - Texas Instruments TMP461-SP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
6.6 Two-Wire Timing Requirements
At –55°C to 125°C and V+ = 1.7V to 3.6V, unless otherwise noted
FAST-MODE
FAST-MODE PLUS
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
0.001
0.4
0.001
1.0
0.001
2.17
MHz
t(BUF)
Bus free time between stop
and start condition
1300
500
160
ns
t(HDSTA)
Hold time after repeated start
condition.
After this period, the first clock
is generated.
600
260
160
ns
t(SUSTA)
Repeated start condition setup
time
600
260
160
ns
t(SUSTO)
Stop condition setup time
600
260
160
ns
t(HDDAT)
Data hold time
0
900
0
450
0
150
ns
t(SUDAT)
Data setup time
100
50
40
ns
t(LOW)
SCL clock low period
1300
500
320
ns
t(HIGH)
SCL clock high period
600
260
60
ns
tF – SDA
Data fall time
300
120
130
ns
tF, tR – SCL
Clock fall and rise time
300
120
40
ns
tR
Rise time for SCL ≤ 100 kHz
1000
ns
6.7 Timing Diagrams
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
P
S
S
P
Figure 6-1. Two-Wire Timing Diagram
www.ti.com
TMP461-EP
SNIS241 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com