Electronic Components Datasheet Search
  English  ▼

X  

TMUX1133 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX1133
Description  TMUX113x 5V, Low-Leakage-Current, 2:1 (SPDT), 3 or 4-Channel Precision Switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1133 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX1133 Datasheet HTML 12Page - Texas Instruments TMUX1133 Datasheet HTML 13Page - Texas Instruments TMUX1133 Datasheet HTML 14Page - Texas Instruments TMUX1133 Datasheet HTML 15Page - Texas Instruments TMUX1133 Datasheet HTML 16Page - Texas Instruments TMUX1133 Datasheet HTML 17Page - Texas Instruments TMUX1133 Datasheet HTML 18Page - Texas Instruments TMUX1133 Datasheet HTML 19Page - Texas Instruments TMUX1133 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
6.10 Typical Characteristics (continued)
at TA = 25°C, VDD = 5V (unless otherwise noted)
Logic Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
200
400
600
800
1000
1200
1400
1600
D011
VDD = 5 V
VDD = 3.3 V
VDD = ±2.5 V
VDD = 1.8 V
TA = 25°C
Figure 6-11. Supply Current vs Logic Voltage
Source Voltage (V)
-3
-2
-1
0
1
2
3
4
5
-20
-15
-10
-5
0
5
10
15
20
VDD = 5 V
VSS = 0 V
VDD = 3.3 V
VSS = 0 V
VDD = +2.5 V
VSS = -2.5 V
D012
TA = -40°C to 125°C
Figure 6-12. Charge Injection vs Source Voltage
Source Voltage (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
-10
-8
-6
-4
-2
0
2
4
6
8
10
VDD = 1.8 V
VDD = 1.2V
D013
TA = -40°C to 125°C
Figure 6-13. Charge Injection vs Source Voltage
Frequency (Hz)
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100k
1M
10M
100M
Off-Isolation
Crosstalk
D014
TA = -40°C to +125°C
Figure 6-14. Xtalk and Off-Isolation vs Frequency
Frequency (Hz)
-6
-5
-4
-3
-2
-1
0
1M
10M
100M
1M
10M
100M
D015
TA = -40°C to +125°C
Figure 6-15. On Response vs Frequency
TMUX1133, TMUX1134
SCDS412B – JUNE 2019 – REVISED JANUARY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1133 TMUX1134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com