Electronic Components Datasheet Search
  English  ▼

X  

TMUX1133 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX1133
Description  TMUX113x 5V, Low-Leakage-Current, 2:1 (SPDT), 3 or 4-Channel Precision Switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1133 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX1133 Datasheet HTML 9Page - Texas Instruments TMUX1133 Datasheet HTML 10Page - Texas Instruments TMUX1133 Datasheet HTML 11Page - Texas Instruments TMUX1133 Datasheet HTML 12Page - Texas Instruments TMUX1133 Datasheet HTML 13Page - Texas Instruments TMUX1133 Datasheet HTML 14Page - Texas Instruments TMUX1133 Datasheet HTML 15Page - Texas Instruments TMUX1133 Datasheet HTML 16Page - Texas Instruments TMUX1133 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
6.9 Electrical Characteristics (VDD = 1.2V ±10 %) (continued)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ID(ON)
IS(ON)
Channel on leakage current
VDD = 1.32V
Switch On
VD = VS = 1V / 0.8V
Refer to Section 7.3
25°C
–0.1 ±0.005
0.1
nA
–40°C to +85°C
–0.5
0.5
nA
–40°C to +125°C
–2
2
nA
LOGIC INPUTS ( EN, SELx)
VIH
Input logic high
–40°C to +125°C
0.96
5.5
V
VIL
Input logic low
0
0.36
V
IIH
IIL
Input leakage current
25°C
±0.005
µA
IIH
IIL
Input leakage current
–40°C to +125°C
±0.05
µA
CIN
Logic input capacitance
25°C
1
pF
–40°C to +125°C
2
pF
POWER SUPPLY
IDD
VDD supply current
Logic inputs = 0V or 5.5V
25°C
0.001
µA
–40°C to +125°C
0.7
µA
DYNAMIC CHARACTERISTICS
tTRAN
Transition time between channels
VS = 1V
RL = 200Ω, CL = 15pF
Refer to Section 7.4
25°C
55
ns
–40°C to +85°C
201
ns
–40°C to +125°C
201
ns
tOPEN
(BBM)
Break before make time
VS = 1V
RL = 200Ω, CL = 15pF
Refer to Section 7.5
25°C
28
ns
–40°C to +85°C
1
ns
–40°C to +125°C
1
ns
tON(EN)
Enable turn-on time
(TMUX1133 Only)
VS = 1V
RL = 200Ω, CL = 15pF
Refer to Section 7.6
25°C
60
ns
–40°C to +85°C
201
ns
–40°C to +125°C
201
ns
tOFF(EN)
Enable turn-off time
(TMUX1133 Only)
VS = 1V
RL = 200Ω, CL = 15pF
Refer to Section 7.6
25°C
45
ns
–40°C to +85°C
150
ns
–40°C to +125°C
150
ns
QC
Charge Injection
VS = 1V
RS = 0Ω, CL = 1nF
Refer to Section 7.7
25°C
–1
pC
OISO
Off Isolation
RL = 50Ω, CL = 5pF
f = 1MHz
Refer to Section 7.8
25°C
–65
dB
RL = 50Ω, CL = 5pF
f = 10MHz
Refer to Section 7.8
25°C
–45
dB
XTALK
Crosstalk
RL = 50Ω, CL = 5pF
f = 1MHz
Refer to Section 7.9
25°C
–100
dB
RL = 50Ω, CL = 5pF
f = 10MHz
Refer to Section 7.9
25°C
–90
dB
BW
Bandwidth
RL = 50Ω, CL = 5pF
Refer to Section 7.10
25°C
220
MHz
CSOFF
Source off capacitance
f = 1MHz
25°C
6
pF
CDOFF
Drain off capacitance
f = 1MHz
25°C
17
pF
www.ti.com
TMUX1133, TMUX1134
SCDS412B – JUNE 2019 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX1133 TMUX1134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com