Electronic Components Datasheet Search
  English  ▼

X  

TMUX1133 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMUX1133
Description  TMUX113x 5V, Low-Leakage-Current, 2:1 (SPDT), 3 or 4-Channel Precision Switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1133 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX1133 Datasheet HTML 1Page - Texas Instruments TMUX1133 Datasheet HTML 2Page - Texas Instruments TMUX1133 Datasheet HTML 3Page - Texas Instruments TMUX1133 Datasheet HTML 4Page - Texas Instruments TMUX1133 Datasheet HTML 5Page - Texas Instruments TMUX1133 Datasheet HTML 6Page - Texas Instruments TMUX1133 Datasheet HTML 7Page - Texas Instruments TMUX1133 Datasheet HTML 8Page - Texas Instruments TMUX1133 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
5 Pin Configuration and Functions
1
S2B
16
V
DD
2
S2A
15
D2
3
S3B
14
D1
4
D3
13
S1B
5
S3A
12
S1A
6
11
SEL1
7
V
SS
10
SEL2
8
GND
9
SEL3
Not to scale
Figure 5-1. TMUX1133: PW Package, 16-Pin TSSOP (Top View)
Table 5-1. Pin Functions TMUX1133
PIN
TYPE(1)
DESCRIPTION(2)
NAME
NO.
S2B
1
I/O
Source pin 2B. Can be an input or output.
S2A
2
I/O
Source pin 2A. Can be an input or output.
S3B
3
I/O
Source pin 3B. Can be an input or output.
D3
4
I/O
Drain pin 3. Can be an input or output.
S3A
5
I/O
Source pin 3A. Can be an input or output.
EN
6
I
Active low logic enable. When this pin is high, all switches are turned off. When this pin is low, the SELx
inputs determine switch connection as listed in Table 8-1.
VSS
7
P
Negative power supply. This pin is the most negative power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1µF to 10µF between VSS and GND. VSS must be
connected to ground for single supply voltage applications.
GND
8
P
Ground (0V) reference
SEL3
9
I
Logic control select pin 3. Controls switch 3 connection as listed in Table 8-1.
SEL2
10
I
Logic control select pin 2. Controls switch 2connection as listed in Table 8-1.
SEL1
11
I
Logic control select pin 1. Controls switch 1 connection as listed in Table 8-1.
S1A
12
I/O
Source pin 1A. Can be an input or output.
S1B
13
I/O
Source pin 1B. Can be an input or output.
D1
14
I/O
Drain pin 1. Can be an input or output.
D2
15
I/O
Drain pin 2. Can be an input or output.
VDD
16
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1µF to 10µF between VDD and GND.
(1)
I = input, O = output, I/O = input and output, P = power
(2)
Refer to Section 8.4 for what to do with unused pins
www.ti.com
TMUX1133, TMUX1134
SCDS412B – JUNE 2019 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX1133 TMUX1134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com