Electronic Components Datasheet Search
  English  ▼

X  

TMUX1133 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX1133
Description  TMUX113x 5V, Low-Leakage-Current, 2:1 (SPDT), 3 or 4-Channel Precision Switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1133 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX1133 Datasheet HTML 22Page - Texas Instruments TMUX1133 Datasheet HTML 23Page - Texas Instruments TMUX1133 Datasheet HTML 24Page - Texas Instruments TMUX1133 Datasheet HTML 25Page - Texas Instruments TMUX1133 Datasheet HTML 26Page - Texas Instruments TMUX1133 Datasheet HTML 27Page - Texas Instruments TMUX1133 Datasheet HTML 28Page - Texas Instruments TMUX1133 Datasheet HTML 29Page - Texas Instruments TMUX1133 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMUX11xx family offers ultra-low input/output leakage currents and low charge injection. These devices
operate up to 5.5V, and offer true rail-to-rail input and output switching of both analog and digital signals. The
TMUX113x devices have low on-capacitance which allows faster settling time when switching between inputs in
the time domain. These features make the TMUX11xx devices a family of precision, high-performance switches
and multiplexers for low-voltage applications.
9.2 Typical Application
Figure 9-1 shows an example circuit where the TMUX1133 or TMUX1134 can be used to minimize board space
by integrating various applications into a multi-channel 2:1 (SPDT) switch. The application uses a 3-channel, or
4-channel SPDT switch to optimize the tradeoffs of system flexibility and board space.
System
S1A
D1
S1B
SEL1
Op Amp
-
+
Precision
ADC
VSS
0.1µF
Voltage Input
Calibration Path
S2A
D2
S2B
SEL2
Op Amp
-
+
Precision
ADC
Voltage Input
Current Input
Precision
DAC
S4A
D4
S4B
SEL4
Voltage Input
Voltage Ouput
250
Precision
ADC
Precision
DAC
Analog Input / Output
0 V-5 V
0 V-5 V
4-20 mA
0 V-5 V
0 V-5 V
VDD
0.1µF
RPD
10 k
To µC
RPD
10 k
To µC
RPD
10 k
To µC
Figure 9-1. Multi-channel 2:1, Switching Applications
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 9-1.
Table 9-1. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
5V
Input / Output Voltage range
0V to 5V
Input / Output Current range
4mA to 20mA
Control logic thresholds
1.8V compatible
TMUX1133, TMUX1134
SCDS412B – JUNE 2019 – REVISED JANUARY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1133 TMUX1134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com