Electronic Components Datasheet Search
  English  ▼

X  

TMUX1133 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX1133
Description  TMUX113x 5V, Low-Leakage-Current, 2:1 (SPDT), 3 or 4-Channel Precision Switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1133 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1133 Datasheet HTML 17Page - Texas Instruments TMUX1133 Datasheet HTML 18Page - Texas Instruments TMUX1133 Datasheet HTML 19Page - Texas Instruments TMUX1133 Datasheet HTML 20Page - Texas Instruments TMUX1133 Datasheet HTML 21Page - Texas Instruments TMUX1133 Datasheet HTML 22Page - Texas Instruments TMUX1133 Datasheet HTML 23Page - Texas Instruments TMUX1133 Datasheet HTML 24Page - Texas Instruments TMUX1133 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
GND
NETWORK
ANALYZER
VOUT
S
D
50Ÿ
VSIG
RL
50Ÿ
VS
VDD
0.1µF
SxA / SxB / Dx
RL
50Ÿ
VSS
0.1µF
Figure 7-8. Off Isolation Measurement Setup
OUT
S
V
Off Isolation
20 Log
V
§
·
˜
¨
¸
©
¹
(1)
7.9 Crosstalk
Crosstalk is defined as the ratio of the signal at the drain pin (D) of a different channel, when a signal is applied
at the source pin (Sx) of an on-channel. Figure 7-9 shows the setup used to measure, and the equation used to
calculate crosstalk.
NETWORK
ANALYZER
GND
S1A
VSIG = 200 mVpp
VBIAS = VDD / 2
50Ÿ
VOUT
RL
D1
50Ÿ
S4A
50Ÿ
RL
D4
VS
SxA / SxB / Dx
50Ÿ
RL
50Ÿ
RL
VDD
0.1µF
VSS
0.1µF
Figure 7-9. Crosstalk Measurement Setup
OUT
S
V
Channel-to-Channel Crosstalk
20 Log
V
§
·
˜
¨
¸
©
¹
(2)
www.ti.com
TMUX1133, TMUX1134
SCDS412B – JUNE 2019 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX1133 TMUX1134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com