Electronic Components Datasheet Search
  English  ▼

X  

TMUX7219 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX7219
Description  TMUX7219 44V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7219 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7219 Datasheet HTML 1Page - Texas Instruments TMUX7219 Datasheet HTML 2Page - Texas Instruments TMUX7219 Datasheet HTML 3Page - Texas Instruments TMUX7219 Datasheet HTML 4Page - Texas Instruments TMUX7219 Datasheet HTML 5Page - Texas Instruments TMUX7219 Datasheet HTML 6Page - Texas Instruments TMUX7219 Datasheet HTML 7Page - Texas Instruments TMUX7219 Datasheet HTML 8Page - Texas Instruments TMUX7219 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Thermal Information....................................................4
5.4 Recommended Operating Conditions.........................5
5.5 Source or Drain Continuous Current...........................5
5.6 ±15 V Dual Supply: Electrical Characteristics ............6
5.7 ±15 V Dual Supply: Switching Characteristics ........... 7
5.8 ±20 V Dual Supply: Electrical Characteristics.............8
5.9 ±20 V Dual Supply: Switching Characteristics............ 9
5.10 44 V Single Supply: Electrical Characteristics ....... 10
5.11 44 V Single Supply: Switching Characteristics ....... 11
5.12 12 V Single Supply: Electrical Characteristics ....... 12
5.13 12 V Single Supply: Switching Characteristics ...... 13
5.14 Typical Characteristics............................................ 14
6 Parameter Measurement Information.......................... 20
6.1 On-Resistance.......................................................... 20
6.2 Off-Leakage Current................................................. 20
6.3 On-Leakage Current................................................. 21
6.4 Transition Time......................................................... 21
6.5 tON(EN) and tOFF(EN) .................................................. 22
6.6 Break-Before-Make...................................................22
6.7 tON (VDD) Time............................................................23
6.8 Propagation Delay.................................................... 23
6.9 Charge Injection........................................................24
6.10 Off Isolation.............................................................24
6.11 Crosstalk................................................................. 25
6.12 Bandwidth............................................................... 25
6.13 THD + Noise........................................................... 26
6.14 Power Supply Rejection Ratio (PSRR)................... 26
7 Detailed Description......................................................27
7.1 Overview................................................................... 27
7.2 Functional Block Diagram......................................... 27
7.3 Feature Description...................................................27
7.4 Device Functional Modes..........................................30
7.5 Truth Tables.............................................................. 30
8 Application and Implementation.................................. 31
8.1 Application Information............................................. 31
8.2 Typical Applications.................................................. 31
9 Power Supply Recommendations................................34
10 Layout...........................................................................35
10.1 Layout Guidelines................................................... 35
10.2 Layout Example...................................................... 35
11 Device and Documentation Support..........................36
11.1 Documentation Support.......................................... 36
11.2 Receiving Notification of Documentation Updates.. 36
11.3 Support Resources................................................. 36
11.4 Trademarks............................................................. 36
11.5 Electrostatic Discharge Caution.............................. 36
11.6 Glossary.................................................................. 36
12 Revision History.......................................................... 36
13 Mechanical, Packaging, and Orderable
Information.................................................................... 37
TMUX7219
SCDS407F – NOVEMBER 2020 – REVISED JULY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX7219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com