Electronic Components Datasheet Search
  English  ▼

X  

TMUX7219 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMUX7219
Description  TMUX7219 44V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7219 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX7219 Datasheet HTML 1Page - Texas Instruments TMUX7219 Datasheet HTML 2Page - Texas Instruments TMUX7219 Datasheet HTML 3Page - Texas Instruments TMUX7219 Datasheet HTML 4Page - Texas Instruments TMUX7219 Datasheet HTML 5Page - Texas Instruments TMUX7219 Datasheet HTML 6Page - Texas Instruments TMUX7219 Datasheet HTML 7Page - Texas Instruments TMUX7219 Datasheet HTML 8Page - Texas Instruments TMUX7219 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
4 Pin Configuration and Functions
1
D
8
S2
2
S1
7
VSS
3
GND
6
SEL
4
VDD
5
EN
Not to scale
Figure 4-1. DGK Package,
8-Pin VSSOP
(Top View)
8
S2
1
D
7
VSS
2
S1
6
SEL
3
GND
5
EN
4
VDD
Not to scale
Thermal
Pad
Figure 4-2. RQX Package,
8-Pin WSON
(Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION(2)
NAME
RQX
DGK
D
1
1
I/O
Drain pin. Can be an input or output.
S1
2
2
I/O
Source pin 1. Can be an input or output.
GND
3
3
P
Ground (0 V) reference
VDD
4
4
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation, connect
a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
EN
5
5
I
Active high logic enable, has internal pull-up resistor. When this pin is low, all switches are turned off.
When this pin is high, the SEL logic input determine which switch is turned on.
SEL
6
6
I
Logic control input, has internal pull-down resistor. Controls the switch connection as shown in Section
7.5.
VSS
7
7
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply
applications, this pin can be connected to ground. For reliable operation, connect a decoupling capacitor
ranging from 0.1 µF to 10 µF between VSS and GND.
S2
8
8
I/O
Source pin 2. Can be an input or output.
Thermal Pad
—
—
The thermal pad is not connected internally. There is no requirement to electrically connect this pad. If
connected, it is recommended that the pad be left floating or tied to GND.
(1)
I = input, O = output, I/O = input and output, P = power.
(2)
Refer to Section 7.4 for what to do with unused pins.
www.ti.com
TMUX7219
SCDS407F – NOVEMBER 2020 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX7219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com