Electronic Components Datasheet Search
  English  ▼

X  

TMUX7219 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX7219
Description  TMUX7219 44V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7219 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX7219 Datasheet HTML 22Page - Texas Instruments TMUX7219 Datasheet HTML 23Page - Texas Instruments TMUX7219 Datasheet HTML 24Page - Texas Instruments TMUX7219 Datasheet HTML 25Page - Texas Instruments TMUX7219 Datasheet HTML 26Page - Texas Instruments TMUX7219 Datasheet HTML 27Page - Texas Instruments TMUX7219 Datasheet HTML 28Page - Texas Instruments TMUX7219 Datasheet HTML 29Page - Texas Instruments TMUX7219 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
6.13 THD + Noise
The total harmonic distortion (THD) of a signal is a measurement of the harmonic distortion, and is defined as
the ratio of the sum of the powers of all harmonic components to the power of the fundamental frequency at the
mux output.
The on-resistance of the device varies with the amplitude of the input signal and results in distortion when the
drain pin is connected to a low-impedance load. Total harmonic distortion plus noise is denoted as THD + N.
GND
S1
D
Audio Precision
VOUT
RL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
VS
50
Other
Sx pins
40
Figure 6-13. THD + N Measurement Setup
6.14 Power Supply Rejection Ratio (PSRR)
PSRR measures the ability of a device to prevent noise and spurious signals that appear on the supply voltage
pin from coupling to the output of the switch. The DC voltage on the device supply is modulated by a sine wave
of 620 mVPP. The ratio of the amplitude of signal on the output to the amplitude of the modulated signal is the
ACPSRR. A high ratio represents a high degree of tolerance to supply rail variation.
This helps stabilize the supply and immediately filter as much of the supply noise as possible.
TMUX7219
SCDS407F – NOVEMBER 2020 – REVISED JULY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX7219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com