Electronic Components Datasheet Search
  English  ▼

X  

TMUX7219 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMUX7219
Description  TMUX7219 44V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7219 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7219 Datasheet HTML 28Page - Texas Instruments TMUX7219 Datasheet HTML 29Page - Texas Instruments TMUX7219 Datasheet HTML 30Page - Texas Instruments TMUX7219 Datasheet HTML 31Page - Texas Instruments TMUX7219 Datasheet HTML 32Page - Texas Instruments TMUX7219 Datasheet HTML 33Page - Texas Instruments TMUX7219 Datasheet HTML 34Page - Texas Instruments TMUX7219 Datasheet HTML 35Page - Texas Instruments TMUX7219 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
8.2.1.2 Detailed Design Procedure
The application shown in Figure 8-1 demonstrates how to toggle between the DAC output and low signal voltage
for control of a GaN power amplifier using a single control input. The DAC output is utilized to bias the gate of
the power amplifier and can be disconnected from the circuit using the select pin of the switch. The TMUX7219
can support 1.8 V logic signals on the control input, allowing the device to interface with low logic controls of an
FPGA or MCU. The TMUX7219 can operate without any external components except for the supply decoupling
capacitors. The select pin has an internal pull-down resistor to prevent floating input logic. All inputs to the switch
must fall within the recommended operating conditions of the TMUX7219 including signal range and continuous
current. For this design with a positive supply of 8 V on VDD and negative supply of −12 V on VSS, the signal
range can be 8 V to −12 V. The maximum continuous current (IDC) can be up to 440 mA for a wide-range current
measurement (for more information, refer to Recommended Operating Conditions).
8.2.1.3 Application Curve
The low on and off leakage currents of TMUX7219 and ultra-low charge injection performance make this device
ideal for implementing high precision industrial systems. The TMUX7219 contains specialized architecture to
reduce charge injection on the source (Sx) (see Section 7.3.7 for more details). Figure 8-2 shows the plot for the
charge injection versus source voltage for the TMUX7219.
Figure 8-2. Charge Injection vs Source Voltage
8.2.2 Ultrasonic Sensing Gas Meter
Another application of the TMUX7219 is in the ultrasonic sensing gas meter. Ultrasonic sensing of gas flow
uses the time of flight (ToF) of an ultrasonic wave and its dependency and behavior in the medium using
two transducer pairs for upstream and downstream paths. Figure 8-3 shows a circuit example utilizing the
MSP430FR6043 MCU, high voltage low distortion operational amplifiers (THS3091), along with TMUX7219, 2:1
precision switches. The TMUX7219 are needed to select the Rx and Tx path of the transducer. The TMUX7219
offers low on-state resistance and causes a very low signal distortion. The break-before-make feature allows
transferring of a signal from one port to another, with a minimal signal distortion. This device also offers a low
charge injection which makes this device suitable for high-performance audio and data acquisition systems.
TMUX7219
SCDS407F – NOVEMBER 2020 – REVISED JULY 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX7219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com