Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436F Datasheet(PDF) 24 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7436F Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 20Page - Texas Instruments TMUX7436F Datasheet HTML 21Page - Texas Instruments TMUX7436F Datasheet HTML 22Page - Texas Instruments TMUX7436F Datasheet HTML 23Page - Texas Instruments TMUX7436F Datasheet HTML 24Page - Texas Instruments TMUX7436F Datasheet HTML 25Page - Texas Instruments TMUX7436F Datasheet HTML 26Page - Texas Instruments TMUX7436F Datasheet HTML 27Page - Texas Instruments TMUX7436F Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
6.10 Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
Temperature (
C)
-40
-15
10
35
60
85
110 125
0.4
0.5
0.6
0.7
0.8
0.9
VT Falling
VT Rising
.
Figure 6-31. Threshold Voltage vs Temperature
Time (
s)
-40
-20
0
20
40
60
80
100
120
-5
0
5
10
15
20
25
30
DRAIN
FF/SF
SOURCE
VDD
.
Figure 6-32. Fault Response and Recovery
Time (
s)
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
SOURCE
40V/
s Fault Ramp
DRAIN
VDD
FF/SF
.
Figure 6-33. Drain Output Response – Positive Overvoltage
Time (
s)
-2
-1
0
1
2
3
4
5
6
7
8
-35
-30
-25
-20
-15
-10
-5
0
5
10
SOURCE
30V/
s Fault Ramp
DRAIN
VSS
FF/SF
.
Figure 6-34. Drain Output Response – Negative Overvoltage
Time(
s)
-2
-1
0
1
2
3
4
5
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
SOURCE
DRAIN
VDD
40V/
s fault ramp
.
Figure 6-35. Drain Output Recovery – Positive Overvoltage
Time(
s)
0.5
1
1.5
2
2.5
3
3.5
4
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
SOURCE
DRAIN
VSS
400V/
s fault ramp
.
Figure 6-36. Drain Output Recovery – Negative Overvoltage
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com