Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436F Datasheet(PDF) 40 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7436F Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 36Page - Texas Instruments TMUX7436F Datasheet HTML 37Page - Texas Instruments TMUX7436F Datasheet HTML 38Page - Texas Instruments TMUX7436F Datasheet HTML 39Page - Texas Instruments TMUX7436F Datasheet HTML 40Page - Texas Instruments TMUX7436F Datasheet HTML 41Page - Texas Instruments TMUX7436F Datasheet HTML 42Page - Texas Instruments TMUX7436F Datasheet HTML 43Page - Texas Instruments TMUX7436F Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMUX7436F is a part of the fault protected switches and multiplexers family of devices. The abilty to protect
downstream components from overvoltage events up to ±60 V and latch-up immunity features makes these
switches and multiplexers suitable for harsh environments.
9.2 Typical Application
The need to monitor remote sensors is common among factory automation control systems. For example,
an analog input module or mixed module (AI, AO, DI, and DO) of a programmable logic controller (PLC)
will interface to a field transmitter to monitor various process sensors at remote locations around the factory.
A switch or multiplexer is often used to connect multiple inputs from the system and reduce the number of
downstream channels.
There are a number of fault cases that may occur that can be damaging to many of the integrated circuits.
Such fault conditions may include, but are not limited to, human error from wiring the connections incorrectly,
component failure, wire shorts, electromagnetic interference (EMI), transient distrubances, and more.
Power Module
Local Control Side
GND
Supply
Fault
Protected
Mux Inputs
TMUX7436F
V
DD
V
SS
+15V -15V
+
–
+15V
-15V
Logic Select Pins
1.8V Logic
Signals
SEL1
SEL2
Di eren al
Output
Di eren al
Output
+
+
-
-
Field Side
Control
& Processing
ADC
DAC
Sensors
Sensors
Sensors
Sensors
RG
ADC
+60V
+24V
S2A
S2B
D2
S1A
S1B
D1
Figure 9-1. Typical Application
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com