Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436F Datasheet(PDF) 29 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7436F Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 25Page - Texas Instruments TMUX7436F Datasheet HTML 26Page - Texas Instruments TMUX7436F Datasheet HTML 27Page - Texas Instruments TMUX7436F Datasheet HTML 28Page - Texas Instruments TMUX7436F Datasheet HTML 29Page - Texas Instruments TMUX7436F Datasheet HTML 30Page - Texas Instruments TMUX7436F Datasheet HTML 31Page - Texas Instruments TMUX7436F Datasheet HTML 32Page - Texas Instruments TMUX7436F Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
VS
0 V
tRESPONSE (VDD)
Output
VDD + 0.5 V
0 V
Output × 50%
VDD
VS
0 V
tRESPONSE (VSS)
Output
VSS - 0.5 V
0 V
Output × 50%
VSS
tRESPONSE = max ( tRESPONSE(VDD), tRESPONSE(VSS))
Max positive fault
Max negative fault
60V/µs
ramp
60 V/µs
ramp
RL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1A
GND
D1
Output
S1B
CL
RL
S2A
D2
Output
S2B
CL
VS
VS
Figure 7-9. Fault Response Time Measurement Setup
7.9 Fault Recovery Time
Fault recovery time (tRECOVERY) measures the delay between the source voltage falling from overvoltage
condition to below supply voltage (VDD or VSS) plus 0.5 V and the drain voltage rising from 0 V to 50% of
the final output voltage. Figure 7-10 shows the setup used to measure tRECOVERY.
RL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1A
GND
D1
Output
S1B
CL
RL
S2A
D2
Output
S2B
CL
VS
VS
VS
tRECOVERY (VDD)
Output
VDD + 0.5 V
0 V
Output × 50%
Output
0 V
tRECOVERY = max ( tRECOVERY(VDD), tRECOVERY(VSS))
0 V
VSS - 0.5 V
0 V
Output x 50%
tRECOVERY (VSS)
VS
Figure 7-10. Fault Recovery Time Measurement Setup
7.10 Fault Flag Response Time
Fault flag response time (tRESPONSE(FLAG)) measures the delay between the source voltage exceeding the fault
supply voltage (VDD or VSS) by 0.5 V and the general fault flag (FF) pin to go below 10% of its original value.
Figure 7-11 shows the setup used to measure tRESPONSE(FLAG).
www.ti.com
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com