Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436F Datasheet(PDF) 30 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7436F Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 26Page - Texas Instruments TMUX7436F Datasheet HTML 27Page - Texas Instruments TMUX7436F Datasheet HTML 28Page - Texas Instruments TMUX7436F Datasheet HTML 29Page - Texas Instruments TMUX7436F Datasheet HTML 30Page - Texas Instruments TMUX7436F Datasheet HTML 31Page - Texas Instruments TMUX7436F Datasheet HTML 32Page - Texas Instruments TMUX7436F Datasheet HTML 33Page - Texas Instruments TMUX7436F Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
VS
0 V
tRESPONSE(FLAG)_VDD
VFF
VDD + 0.5 V
0 V
0.5 V
VS
0 V
tRESPONSE(FLAG)_VSS
VFN - 0.5 V
tRESPONSE(FLAG) = max ( tRESPONSE(FLAG)_VDD, tRESPONSE(FLAG)_VSS)
5 V
VFF
0.5 V
5 V
0 V
CL_xF
GND
RPU
5 V
RL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1A
GND
D1
Output
S1B
CL
RL
S2A
D2
Output
S2B
CL
VS
VS
SF/FF
Figure 7-11. Fault Flag Response Time Measurement Setup
7.11 Fault Flag Recovery Time
Fault flag recovery time (tRECOVERY(FLAG)) measures the delay between the source voltage falling from
overvoltage condition to below fault supply voltage (VDD or VSS) plus 0.5 V and the general fault flag (FF)
pin to rise above 3 V with 5 V external pull-up. Figure 7-12 shows the setup used to measure tRECOVERY(FLAG).
CL_xF
GND
RPU
5 V
RL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1A
GND
D1
Output
S1B
CL
RL
S2A
D2
Output
S2B
CL
VS
VS
SF/FF
tRECOVERY(FLAG)_VDD
VFF
0 V
3 V
tRECOVERY(FLAG)_VSS
tRECOVERY(FLAG) = max ( tRECOVERY(FLAG)_VDD, tRECOVERY(FLAG)_VSS)
5 V
0 V
3 V
5 V
VDD + 0.5 V
0 V
VDD - 0.5 V
0 V
VS
VS
VFF
Figure 7-12. Fault Flag Recovery Time Measurement Setup
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com