Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436F Datasheet(PDF) 34 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7436F Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 30Page - Texas Instruments TMUX7436F Datasheet HTML 31Page - Texas Instruments TMUX7436F Datasheet HTML 32Page - Texas Instruments TMUX7436F Datasheet HTML 33Page - Texas Instruments TMUX7436F Datasheet HTML 34Page - Texas Instruments TMUX7436F Datasheet HTML 35Page - Texas Instruments TMUX7436F Datasheet HTML 36Page - Texas Instruments TMUX7436F Datasheet HTML 37Page - Texas Instruments TMUX7436F Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
8 Detailed Description
8.1 Overview
The TMUX7436F device is a 44-V fault protected multiplexer with latch-up immunity in a 2:1, 2 channel
configuration. The device works well with dual supplies (±5 V to ±22 V), a single supply (8 V to 44 V), or
asymmetric supplies (such as VDD = 15 V, VSS = –5 V). The overvoltage protection feature on the source
pins works under powered and powered-off conditions, allowing for use in harsh industrial environments. The
powered-off condition includes floating power supplies, grounded power supplies, or power supplies at any level
that are below the undervoltage (UV) threshold.
8.2 Functional Block Diagram
S1A
S1B
D1
VDD
VSS
TMUX7436F
Fault Detection/
Switch Driver/
Logic Decoder
SEL1
SEL2
EN
DR
FF
SF
S2A
S2B
D2
8.3 Feature Description
8.3.1 Flat ON-Resistance
The TMUX7436F is designed with a special switch architecture to produce ultra-flat on-resistance (RON) across
most of the switch input operation region. The flat RON response allows the device to be used in precision sensor
applications since the RON is controlled regardless of the signals sampled. The architecture is implemented
without a charge pump so no unwanted noise is produced from the device to affect sampling accuracy.
8.3.2 Protection Features
The TMUX7436F offers a number of protection features to enable robust system implementations.
8.3.2.1 Input Voltage Tolerance
The maximum voltage that can be applied to any source input pin is +60 V or –60 V, regardless of supply
voltage. This allows the device to handle typical voltage fault condition in industrial applications. Caution: the
device is rated to handle a maximum stress of 85 V across different pins, such as the following:
1. Between source pins and supply rails: 85 V
For example, if the device is powered by VDD supply of 25 V, then the maximum negative signal level on any
source pin is –60 V to maintain the 60 V maximum rating on any source pin. If the device is powered by VDD
supply of 40 V, then the maximum negative signal level on any source pin is reduced to –45 V to maintain
the 85 V maximum rating across the source pin and the supply.
2. Between source pins and the drain pin: 85 V
For example, if channel S1A is ON and the voltage on S1A pin is 40 V, then the drain voltage D1 is also 40
V. In this case, the maximum negative voltage allowed on S1B is –45 V to maintain the 85 V maximum rating
across the source pin and the drain pin.
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com